4414H-R2R-503
AI

The **4414H-R2R-503** is a precision electronic component manufactured by Bourns. It is a **Thick Film Resistor Network** specifically designed for **Digital-to-Analog conversion (DAC)** using an R-2R ladder configuration.
---
### 1. Component Identification
| Property | Value |
| :--- | :--- |
| **Series** | 4400H (High Profile) |
| **Package Style** | Single In-Line Package (SIP) |
| **Pin Count** | 14 Pins |
| **Circuit Type** | R-2R Ladder |
| **Resistance Value** | 50 kΩ (indicated by "503") |
---
### 2. Functional Details
The "R-2R" designation refers to the internal architecture. It uses only two resistance values: **R** and **2R**. In the case of the **503** model:
* **R** = 50,000 Ohms (50 kΩ)
* **2R** = 100,000 Ohms (100 kΩ)
This network is used to convert a multi-bit binary signal into a proportional analog voltage. It is highly valued because it only requires two precision resistor values, making it easier to maintain accuracy across different temperatures.
---
### 3. Physical & Electrical Specifications
* **High Profile (H):** The "H" in the part number indicates a high-profile package, allowing for better power dissipation compared to low-profile versions.
* **Thick Film Technology:** The resistors are printed onto a ceramic substrate, providing high stability and reliability.
* **Tolerance:** Typically offered in standard ±2% or tighter precision for R-2R matching.
* **Pinout:**
* One end is usually connected to the Reference Voltage ($V_{ref}$).
* One end is the Analog Output ($V_{out}$).
* The remaining pins are the digital inputs (Bits).
---
### 4. Common Applications
1. **Digital-to-Analog Converters (DAC):** Creating custom resolution DACs for microcontrollers.
2. **Voltage Dividers:** Precision scaling of voltages in measurement circuits.
3. **Gain Control:** Used in programmable gain amplifiers.
- ⤷What is the pinout diagram for a 14-pin R-2R ladder?
- ⤷ How does an R-2R ladder compare to a binary-weighted resistor DAC?
- ⤷ What is the maximum power rating for the Bourns 4414H series?