4416H-R2R-503
AI

The **4416H-R2R-503** is a specific electronic component manufactured by **Bourns**. It belongs to the family of **Resistor Networks**, specifically designed as an **R-2R Ladder Network** in a Thick Film Surface Mount (SMT) package.
---
### 1. Key Technical Specifications
| Feature | Description |
| :--- | :--- |
| **Model Series** | 4400H Series (High Profile) |
| **Circuit Type** | R-2R Ladder (Binary Weighting) |
| **Resistance Value** | 50 kΩ (denoted by the code "503") |
| **Number of Pins** | 16 Pins |
| **Package Type** | Medium Body SOIC (Small Outline Integrated Circuit) |
| **Tolerance** | Generally ±1% or ±2% (Standard for R2R) |
| **Power Rating** | 0.16W per resistor at 70°C |
---
### 2. Breakdown of the Part Number
* **44**: Designates the Bourns product line for surface mount resistor networks.
* **16**: Indicates the total number of pins (16-pin package).
* **H**: Stands for **High Profile** (refers to the physical height/clearance of the package).
* **R2R**: Defines the internal circuit configuration as a resistor ladder.
* **503**: The resistance code. "50" followed by "3" zeros = **50,000 Ohms (50 kΩ)**.
---
### 3. Functional Purpose
The R-2R Ladder is a simple and efficient way to perform **Digital-to-Analog Conversion (DAC)**.
* **Precision:** Because it uses only two resistor values ($R$ and $2R$), it is much easier for manufacturers to maintain high precision and thermal tracking across the network compared to using many different resistor values.
* **Operation:** Digital signals are applied to the input pins. The network divides the voltage down based on binary weighting, resulting in an analog voltage output proportional to the digital input value.
---
### 4. Common Applications
1. **Digital-to-Analog Converters (DAC):** Creating an analog voltage from a microcontroller's GPIO pins.
2. **Gain Control:** Used in digitally controlled amplifiers.
3. **Signal Conditioning:** Precision voltage division in instrumentation.
4. **Legacy Systems:** Often found in industrial control systems where simple, reliable data conversion is required without a dedicated DAC IC.
---
### 5. Schematic Representation
The internal structure follows a repeating pattern:
```text
R R R
Vout o--[R]--o--[R]--o--[R]--o GND
| | |
[2R] [2R] [2R]
| | |
Bit 1 Bit 2 Bit 3...
```
- ⤷
What is the difference between a high-profile and a low-profile resistor network?
- ⤷ How do you calculate the output voltage of an R-2R ladder?
- ⤷ Are there alternative resistor values available in the 4416H series?