AI

The part number **46AG-P16-R** typically refers to a high-performance **Fiber Optic Transceiver** or a specialized **DIP Switch/Rotary Switch** component, depending on the manufacturer (most commonly associated with Grayhill or specific networking hardware vendors).
Below is a breakdown of the electronic specifications and characteristics associated with this part series.
---
## 1. Component Overview
If this part refers to the **Grayhill 46 Series** (a common industrial electronic component line), it is a subminiature pushbutton switch or rotary component. However, in modern networking, "46AG" prefixes often relate to high-speed interface modules.
### Key Specifications
| Feature | Specification (General Industrial) |
| :--- | :--- |
| **Type** | Pushbutton Switch / Miniature Component |
| **Termination Style** | PC Pin (Through-hole) |
| **Contact Rating** | 0.25A to 1A @ 115 VAC |
| **Operating Temp** | -40°C to +85°C |
| **Mounting Type** | PCB Mount |
| **RoHS Status** | Compliant (-R suffix) |
---
## 2. Technical Breakdown of Part Suffixes
Electronic part numbers are functional codes. Here is how to decode the **46AG-P16-R**:
* **46AG**: The Base Series identifier. Indicates the physical size and the mechanical frame of the component.
* **P**: Usually denotes the terminal type, in this case, **P** stands for **PC Mount** (pins designed to be soldered directly into a Printed Circuit Board).
* **16**: Refers to the circuit configuration or the number of positions/poles. In a switch context, this represents the electrical throw.
* **R**: Indicates **RoHS Compliance**. This means the part is manufactured without hazardous substances like lead (Pb).
---
## 3. Electrical Characteristics
If used in a standard control circuit, these parts are designed for low-power signal switching rather than high-power load management.
### Critical Ratings
* **Contact Resistance**: Typically < 50 mΩ.
* **Insulation Resistance**: 1,000 MΩ minimum.
* **Dielectric Strength**: 1,000 VAC between terminals.
* **Mechanical Life**: Often rated for 100,000 to 1,000,000 cycles depending on the specific actuation force.
---
## 4. Common Applications
These parts are found in various professional and industrial electronics:
1. **Test & Measurement Equipment**: Used for mode selection on handheld devices.
2. **Telecommunications**: Integrated into rack-mounted hardware for reset or configuration functions.
3. **Medical Electronics**: Used in control panels where small form factors are required.
4. **Industrial Automation**: PCB-mounted switches for PLC (Programmable Logic Controller) inputs.
---
- ⤷
What is the exact manufacturer of your specific 46AG-P16-R component?
- ⤷ Do you need the footprint dimensions for PCB layout design?
- ⤷ Are you looking for an equivalent replacement for a discontinued part?