47DAC-201-R
AI

The **47DAC-201-R** is a specific electronic component typically identified as a **Potentiometer** or **Trimmer**, often produced by manufacturers like Copal Electronics (Nidec). These components are used to adjust resistance within a circuit to tune performance or set specific voltage thresholds.
---
### Technical Specifications
Below is a breakdown of the key characteristics generally associated with this part number:
| Specification | Details |
| :--- | :--- |
| **Component Type** | Cermet Trimmer / Potentiometer |
| **Resistance Value** | 200 $\Omega$ (indicated by "201") |
| **Power Rating** | Typically 0.5W at 70°C |
| **Tolerance** | ±10% or ±20% |
| **Mounting Type** | Through-Hole (PC Pin) |
| **Adjustment Type** | Side or Top Adjustment (Model dependent) |
| **Number of Turns** | Single-turn or Multi-turn (Series dependent) |
---
### Part Number Breakdown
The alphanumeric code provides specific details about the component's construction:
* **47**: Refers to the series (size and physical footprint).
* **D**: Often indicates the terminal style or mounting orientation (e.g., side adjust).
* **A**: Indicates the adjustment slot type.
* **C**: Material designation (Cermet).
* **201**: The resistance code. The first two digits (20) are the significant figures, and the third (1) is the multiplier (10^1). **20 x 10 = 200 Ohms.**
* **R**: Indicates compliance with **RoHS** (Lead-free) regulations.
---
### Key Applications
Electronic parts like the 47DAC-201-R are found in various circuits where precision tuning is required:
1. **Calibration:** Setting reference voltages for Analog-to-Digital Converters (ADCs).
2. **Audio Equipment:** Balancing gain stages or adjusting bias currents.
3. **Industrial Controls:** Tuning sensor sensitivity or motor speed controllers.
4. **Power Supplies:** Fine-tuning the output voltage of a regulator.
---
### Physical Characteristics
* **Material:** Built using **Cermet** (Ceramic-Metal), which offers high stability and reliability compared to standard carbon tracks.
* **Sealing:** Usually features a sealed construction to withstand PCB washing processes (soldering flux removal).
- ⤷How do I read the resistance code if it was 203 instead of 201?
- ⤷ What is the difference between Cermet and Carbon potentiometers?
- ⤷ Can this part be replaced with a surface mount equivalent?