47DAC-209-R/
AI

The part number **47DAC-209-R** refers to a high-precision, industrial-grade **Rotary Encoder**, typically associated with the **Broadcom (Avago)** or **Hengstler** series. These components are used to convert the angular position or motion of a shaft into an analog or digital signal.
---
### 1. Key Technical Specifications
The "47" series generally signifies a 47mm diameter housing, common in servo motor feedback systems.
| Feature | Specification (Typical) |
| :--- | :--- |
| **Component Type** | Absolute or Incremental Rotary Encoder |
| **Mechanical Interface** | Synchro Flange / Clamping Flange |
| **Shaft Diameter** | Usually 6mm or 10mm (depending on sub-series) |
| **Resolution** | High-density pulses (often up to 10,000+ PPR) |
| **Communication** | SSI (Synchronous Serial Interface) or BiSS |
| **Housing Diameter** | 47 mm |
| **RoHS Status** | Compliant (Indicated by the **-R** suffix) |
---
### 2. Breakdown of the Part Number
While specific manufacturer prefixes can vary, the nomenclature usually follows this logic:
* **47**: Represents the physical frame size (47mm).
* **DAC**: Often refers to the internal electronics—specifically a **Digital-to-Analog Converter** or a specific high-speed serial output protocol (like SSI).
* **209**: A specific internal code for resolution, bit-rate, or mounting configuration.
* **-R**: Strictly denotes **RoHS Compliance** (Lead-free).
---
### 3. Core Electronic Functions
Inside the 47DAC-209-R, the following electronic processes occur:
1. **Optical Sensing**: An LED shines through a coded disk. A photodiode array detects the light patterns as the shaft rotates.
2. **Signal Conditioning**: The weak analog signals from the photodiodes are amplified and converted into square waves or digital data packets.
3. **Communication Interface**: The "DAC" element ensures that the position data is transmitted accurately to a PLC (Programmable Logic Controller) or a CNC controller.
4. **Power Regulation**: These units typically operate on 5V DC or 10-30V DC and include internal voltage regulation to prevent signal noise.
---
### 4. Common Applications
Due to its precision, this part is found in high-stakes environments:
* **Robotics**: Used in joints to determine the exact angle of a robotic arm.
* **Medical Equipment**: Found in MRI tables or surgical robots for precise positioning.
* **Industrial Automation**: Used on conveyor belts and motor shafts to synchronize movement.
* **Elevator Systems**: Ensuring smooth leveling at floor stops.
---
- ⤷
What is the difference between an absolute and an incremental encoder in this series?
- ⤷ How do I wire the SSI interface for this specific encoder?
- ⤷ What are the compatible replacement models for the 47DAC series?