47DAC-218-R
AI

The part number **47DAC-218-R** typically refers to a high-performance **Magnetic Incremental Rotary Encoder** manufactured by brands like **Grayhill** or specialized industrial sensor providers.
---
## 1. Technical Specifications
The "47DAC" series is designed for precision tracking of rotational movement, converting mechanical motion into digital signals.
| Feature | Specification |
| :--- | :--- |
| **Technology** | Magnetic Hall Effect (Non-contact) |
| **Output Type** | Incremental (A, B, and Index Z channels) |
| **Resolution** | Usually 128 to 256 Cycles Per Revolution (CPR) |
| **Voltage Supply** | 5.0V DC (Standard) |
| **Interface** | CMOS / TTL Compatible |
| **Operating Temp** | -40°C to +85°C |
| **Mechanical Life** | > 10,000,000 rotations (due to magnetic sensing) |
---
## 2. Key Components & Architecture
### Magnetic Sensing Element
Unlike optical encoders that use a light source and a disk with slits, the **47DAC-218-R** uses a small permanent magnet attached to the rotating shaft. A specialized **Hall Effect IC** monitors the changes in the magnetic field to determine position.
### Signal Processing
1. **Quadrature Output:** It produces two square waves (A and B) offset by 90 degrees. This allows the controller to determine both **speed** and **direction**.
2. **Index Pulse (Z-Channel):** Provides a single pulse per full 360° rotation, used as a reference or "home" position.
### Construction (The "-R" Suffix)
The suffix often denotes specific mechanical features or compliance:
* **Mounting:** Usually features a threaded bushing for panel mounting.
* **Termination:** Pin headers or ribbon cable connectors.
* **RoHS Compliance:** The "R" frequently signifies adherence to RoHS (Restriction of Hazardous Substances) standards.
---
## 3. Common Applications
Due to its non-contact nature, this part is highly durable and resistant to dust, oil, and vibration.
* **Medical Equipment:** Precision dials on ventilators or imaging machines.
* **Industrial Controls:** Parameter adjustment knobs on PLCs or motor controllers.
* **Audio/Video:** High-end digital mixing consoles.
* **Robotics:** Feedback loops for joint positioning in small-scale actuators.
---
## 4. Advantages vs. Disadvantages
| Pros | Cons |
| :--- | :--- |
| **Longevity:** No physical wear on the sensor. | **Interference:** Susceptible to strong external magnetic fields. |
| **Environment:** Operates well in dirty/dusty conditions. | **Resolution:** Generally lower resolution than high-end optical versions. |
| **Compact:** Small form factor for PCB integration. | **Power:** Requires constant power to maintain position count. |
- ⤷What is the difference between an incremental and an absolute encoder?
- ⤷ How do I interface this encoder with an Arduino or microcontroller?
- ⤷ What are the specific pinout configurations for the 47DAC series?