47DM-1020-R
AI

The **47DM-1020-R** is a specific electronic component, typically categorized as a **Surface Mount Device (SMD) Power Inductor**. These parts are essential in power management circuits for filtering and energy storage.
---
### 1. Key Technical Specifications
While specifications can vary slightly by manufacturer (often associated with brands like **Coilcraft** or generic industrial suppliers), the "1020" series usually follows these parameters:
| Parameter | Typical Value |
| :--- | :--- |
| **Inductance** | 1.0 µH to 2.0 µH (Series dependent) |
| **Package Size** | 10mm x 10mm (approximate base) |
| **Mounting Type** | Surface Mount (SMD/SMT) |
| **Core Material** | Ferrite or Composite Iron |
| **RoHS Compliant** | Yes (Indicated by the "-R" suffix) |
---
### 2. Breakdown of the Part Number
* **47DM:** Usually refers to the manufacturer's series designation for High-Current Power Inductors.
* **1020:** Represents the physical dimensions. In the metric/imperial hybrid naming system, this often indicates a footprint of roughly 10mm length/width and a specific height profile.
* **R:** Stands for **RoHS Compliant**, meaning the part is manufactured without hazardous substances like lead.
---
### 3. Functional Role in Electronics
The 47DM-1020-R serves several critical functions within a circuit:
1. **Energy Storage:** It stores energy in a magnetic field during the "on" cycle of a switching regulator and releases it during the "off" cycle.
2. **DC-DC Conversion:** It is a core component in Buck (step-down) or Boost (step-up) converters to provide a stable output voltage.
3. **Noise Filtering:** It acts as a low-pass filter, blocking high-frequency AC noise while allowing DC current to pass through, ensuring "clean" power to sensitive components like CPUs.
---
### 4. Common Applications
Due to its high current handling capabilities and compact size, it is commonly found in:
* **Mainboards:** Voltage Regulator Modules (VRMs) for laptops and PCs.
* **Telecommunications:** Base stations and networking hubs.
* **Industrial Power Supplies:** High-efficiency DC-DC modules.
* **Automotive Electronics:** Infotainment and LED lighting drivers.
---
- ⤷What is the current rating (Amps) for the 47DM-1020-R?
- ⤷ Which manufacturers produce the 47DM series inductors?
- ⤷ How do I calculate the ripple current for this inductor in a buck converter?