47DM-1026-R/Q
AI

The part number **47DM-1026-R/Q** typically refers to a specialized **Automotive-Grade Micro-USB or Interface Connector**, often associated with manufacturers like **Hosiden** or similar automotive component suppliers.
Below is a breakdown of its technical characteristics and role in electronic systems.
---
### 1. General Specifications
The "47DM" series is designed to meet high-reliability standards required for in-vehicle infotainment and telematics.
| Feature | Specification (Typical) |
| :--- | :--- |
| **Component Type** | Micro-USB Type B / Interface Connector |
| **Mounting Type** | Surface Mount (SMT) / Through-hole hybrid |
| **Orientation** | Right Angle |
| **Pin Count** | 5-Pin (Standard USB) or customized multi-pin |
| **Automotive Grade** | AEC-Q100/200 compliant (implied by "Q" suffix) |
| **Shielding** | Full Metal Shield for EMI/EMC protection |
---
### 2. Suffix Breakdown
* **-R**: Generally indicates **RoHS Compliance** (Restriction of Hazardous Substances), ensuring the part is lead-free.
* **-Q**: Often denotes **Automotive Quality** or "Quality Assurance" testing, indicating the part can withstand higher vibration, shock, and temperature fluctuations (-40°C to +85°C or higher).
---
### 3. Key Electronic Characteristics
* **Contact Resistance:** Typically low (under 30mΩ) to prevent signal loss.
* **Durability:** High mating cycle rating (often 5,000 to 10,000 cycles) to handle frequent plugging/unplugging by users.
* **Current Rating:** Standard 1.0A to 1.8A per pin (for charging capabilities).
* **Voltage Rating:** 30V AC/DC.
---
### 4. Applications
This part is predominantly found in the following electronic modules:
1. **Car Head Units:** For connecting smartphones to Apple CarPlay or Android Auto.
2. **Navigation Systems:** Data transfer and firmware updates.
3. **Dash Cams / Sensors:** Power and data interface for internal vehicle recording.
4. **Diagnostic Tools:** Interface ports for OBD-II related handheld devices.
---
### 5. Footprint and Mechanical Design
The physical structure usually includes **metal tabs (legs)** that are soldered into the PCB. These provide mechanical "pegs" so that if a user pulls on the cable, the solder joints of the signal pins do not snap off.
```text
Visual Representation (Top View):
[ Shielded Metal Housing ]
| ( ) ( ) ( ) ( ) ( ) | <-- Data/Power Pins
|____________________________|
|__| |__| <-- Solder Reinforcement Tabs
```
- ⤷
What is the exact datasheet for the 47DM-1026-R/Q?
- ⤷ Are there compatible alternatives from Hirose or Molex?
- ⤷ What is the specific soldering temperature profile for this component?