47DM-1027-R/Q
AI

The **47DM-1027-R/Q** is a specific electronic component typically categorized within the **electromechanical or interconnect** segment, specifically associated with high-density card connectors (often used in networking or storage applications like SFP/QSFP cages or specialized PCB interfaces).
Below is a detailed breakdown of the technical aspects of this part series.
---
### 1. General Specifications
While specific data can vary by the exact manufacturer (often associated with brands like **Foxconn** or **TE Connectivity** equivalents), the "47DM" series generally follows these parameters:
| Feature | Specification Details |
| :--- | :--- |
| **Component Type** | SFP/QSFP Connector Interface / High-Speed IO |
| **Mounting Type** | Surface Mount (SMT) or Through-Hole (THT) |
| **Contact Material** | Copper Alloy |
| **Plating** | Gold (Au) over Nickel (Ni) on contact area |
| **Housing Material** | High-Temperature Thermoplastic (UL 94V-0) |
| **Number of Pins** | 20 to 30 Pins (Standard for SFP/SFP+ interfaces) |
---
### 2. Physical Design & Construction
The part is engineered for high-integrity data transmission. Key physical attributes include:
* **Solder Tail Alignment:** Designed with precision leads to ensure co-planarity during the reflow soldering process.
* **Mechanical Shielding:** Often integrated with a metal "cage" or grounding tabs to minimize Electromagnetic Interference (EMI).
* **Polarization:** Features a physical keying mechanism to prevent incorrect insertion of the module.
---
### 3. Electrical Characteristics
These parts are designed to handle high-frequency signals with minimal loss.
| Parameter | Typical Value |
| :--- | :--- |
| **Voltage Rating** | 30V AC (RMS) / DC |
| **Current Rating** | 0.5A per contact |
| **Contact Resistance** | 20mΩ Max (Initial) |
| **Insulation Resistance** | 1000MΩ Min |
| **Dielectric Strength** | 300V AC for 1 minute |
---
### 4. Applications
The **47DM-1027** series is commonly found in infrastructure-grade hardware:
* **Networking:** Switches, routers, and Network Interface Cards (NICs).
* **Storage:** Fiber Channel host bus adapters and SAN storage arrays.
* **Telecommunications:** Base stations and data center server racks.
---
### 5. Identification Nomenclature
* **47DM:** Series designation.
* **1027:** Specific configuration (pin count, height, or orientation).
* **R/Q:** Often denotes RoHS compliance (R) and Packaging Type (Q - such as Tape and Reel).
---
- ⤷
What are the specific soldering temperature requirements for the 47DM series?
- ⤷ How does the EMI shielding in the R/Q variant compare to standard connectors?
- ⤷ Is this part cross-compatible with TE Connectivity or Molex equivalents?