47DM-111A-R/Q
AI

The **47DM-111A-R/Q** refers to a specific series of **Rotary DIP Switches**, commonly manufactured by brands like *Sabrewatch* or distributed through specialized electronic component channels. These parts are used to manually set binary or hexadecimal values on a circuit board.
---
### 1. Technical Specifications
The part number usually breaks down into specific physical and electrical characteristics:
| Feature | Specification (Typical) |
| :--- | :--- |
| **Component Type** | Rotary DIP Switch |
| **Number of Positions** | 10 Positions (BCD) or 16 Positions (Hexadecimal) |
| **Actuator Style** | Arrow/Flat Head (Screwdriver adjusted) |
| **Mounting Type** | Through-Hole (THT) or Surface Mount (SMT) |
| **Contact Rating** | 100mA @ 50V DC (Non-switching) |
| **Output Code** | Real Code (Binary Coded Decimal) |
| **Operating Temp** | -25°C to +70°C |
---
### 2. Key Components & Construction
The "47DM" series generally follows a standard internal architecture:
1. **Rotor:** The top dial that is rotated to the desired digit.
2. **Contacts:** Gold-plated or silver-plated internal wipers that complete the circuit between the common pin and the output pins (1, 2, 4, 8).
3. **Housing:** High-temperature plastic (usually UL94V-0 rated) to withstand soldering processes.
4. **Seal:** Often features an O-ring or epoxy base to prevent flux contamination during washing.
---
### 3. Pin Logic (Binary Coded Decimal)
When you turn the dial, the switch connects the "Common" (C) pin to a combination of output pins to represent the decimal number in binary:
| Dial Position | Pin 1 | Pin 2 | Pin 4 | Pin 8 |
| :--- | :--- | :--- | :--- | :--- |
| **0** | Open | Open | Open | Open |
| **1** | **Closed** | Open | Open | Open |
| **3** | **Closed** | **Closed** | Open | Open |
| **8** | Open | Open | Open | **Closed** |
---
### 4. Applications
These parts are typically found in industrial and telecommunications equipment where permanent or semi-permanent settings are required without the need for a digital interface:
* **Address Settings:** Setting the unique ID for a device on a bus (like RS-485 or CAN bus).
* **Configuration:** Selecting modes of operation for industrial timers or sensors.
* **Access Control:** Manual code settings in security hardware.
---
### 5. Identification Suffixes
* **-R:** Often denotes "Real Code" (logic high when contact is made).
* **-Q:** Often relates to the packaging (e.g., Tube or Tape & Reel) or a specific lead-free/RoHS compliance certification.
- ⤷
What is the difference between Real Code and Complement Code in rotary switches?
- ⤷ How do I solder this component to avoid damaging the internal plastic?
- ⤷ Can this switch be used for high-voltage AC applications?