AI

The **47DM-1121-R** is a specific electronic component belonging to the category of **DC Axial Fans**, typically manufactured by companies like **NMB Technologies** (MinebeaMitsumi).
These fans are critical in thermal management for cooling electronic enclosures, power supplies, and industrial machinery.
---
## Technical Specifications
The model number provides specific details about its physical and electrical characteristics. Below is a breakdown of the typical specifications for this series:
| Property | Specification (Typical) |
| :--- | :--- |
| **Frame Size** | 119mm x 119mm |
| **Thickness** | 25.5mm |
| **Operating Voltage** | 12V DC |
| **Bearing Type** | Dual Ball Bearing (Long life) |
| **Material** | Plastic (PBT) Frame and Impeller |
| **Termination** | Lead Wires (UL1007, AWG24) |
| **Airflow** | High-volume axial flow |
---
### Internal Electronic Components
To operate efficiently, the internal PCB of the 47DM-1121-R contains several key electronic parts:
1. **Brushless DC (BLDC) Motor Controller:**
- Unlike AC fans, this uses an integrated circuit (IC) to switch the magnetic fields of the stator, eliminating the need for carbon brushes.
2. **Hall Effect Sensor:**
- A small sensor inside the motor detects the position of the permanent magnet rotor to time the switching of the coils accurately.
3. **Protection Circuitry:**
- **Polarity Protection:** Prevents damage if the positive and negative wires are reversed.
- **Locked Rotor Protection:** Automatically shuts down or limits current if the fan blades are physically obstructed to prevent the motor from burning out.
4. **Permanent Magnet Rotor:**
- Usually made of high-grade ferrite magnets attached to the internal hub of the fan blades.
---
### Key Features and Applications
* **Longevity:** The "Ball Bearing" system used in the 47DM series allows for a much higher MTBF (Mean Time Between Failures) compared to sleeve bearing fans, especially in high-temperature environments.
* **Low Noise:** Designed with aerodynamic blades to minimize turbulence.
* **Applications:**
* Server racks and networking equipment.
* Industrial control cabinets.
* Medical imaging equipment.
* High-end desktop PC cooling.
---
### Comparison: Ball Bearing vs. Sleeve Bearing
| Feature | Ball Bearing (47DM Series) | Sleeve Bearing |
| :--- | :--- | :--- |
| **Orientation** | Can be mounted in any direction | Best for vertical mounting |
| **Lifespan** | ~50,000 to 70,000 hours | ~30,000 hours |
| **Heat Tolerance** | High | Moderate |
- ⤷
What is the maximum CFM (Cubic Feet per Minute) rating for this fan?
- ⤷ Can this fan be controlled using PWM signals?
- ⤷ What is the standard current draw in Amperes for the 12V version?