47DM-1121-R/Q
AI

The part number **47DM-1121-R/Q** typically refers to a specialized **Electromagnetic Buzzer** or an **Audio Indicator** component, often manufactured by companies like DB Products or specialized acoustic component suppliers.
Below is a detailed breakdown of its technical characteristics and internal components.
---
## 1. Technical Specifications
This component is an **Electromagnetic Transducer**, meaning it uses an electromagnet to drive a metal diaphragm to create sound.
| Property | Typical Value |
| :--- | :--- |
| **Type** | Magnetic / Electromagnetic |
| **Drive Type** | External Drive (Requires an oscillator circuit) |
| **Rated Voltage** | 1.5V - 3.0V (Standard logic level) |
| **Rated Current** | Max 70mA - 80mA |
| **Resonant Frequency** | ~2000 Hz to 2700 Hz |
| **Sound Pressure Level (SPL)** | 80dB - 85dB at 10cm |
| **Operating Temperature** | -20°C to +70°C |
---
## 2. Internal Electronic Structure
The "47DM" series generally consists of three main electronic/mechanical parts:
### A. The Coil (Electromagnet)
A fine copper wire wound around a core. When an AC signal or a pulsed DC signal passes through this coil, it generates a fluctuating magnetic field.
### B. The Permanent Magnet
A small stationary magnet inside the housing. It provides a constant magnetic bias that allows the diaphragm to move back and forth in sync with the signal applied to the coil.
### C. The Diaphragm
A thin metal disk (usually iron or a magnetic alloy). The interaction between the permanent magnet and the coil's shifting magnetic field causes this disk to vibrate rapidly, pushing air to create sound waves.
---
## 3. Implementation Circuit
Because this is an **External Drive** buzzer (unlike an "indicator" which has internal circuitry), you cannot simply apply flat DC voltage to it. You must provide a square wave.
```python
# Conceptual Microcontroller Pulse (PWM) logic
Frequency = 2048 # Hz
DutyCycle = 50 # Percent
def play_buzzer():
start_pwm(pin_1, Frequency, DutyCycle)
```
### Connection Diagram
1. **VCC/Signal:** Connected to a transistor (NPN) collector.
2. **Transistor Base:** Connected to a PWM pin of a microcontroller (like Arduino/ESP32).
3. **Diode:** A flyback diode is often placed in parallel with the buzzer to protect the circuit from voltage spikes caused by the internal coil.
---
## 4. Key Suffix Meaning
* **-R:** Generally indicates **RoHS Compliance** (Lead-free).
* **-Q:** Often refers to **Quality** grade or specific **Packaging** (e.g., Tape and Reel for automated assembly).
---
- ⤷What is the difference between an active and passive buzzer in this context?
- ⤷ Can I drive the 47DM-1121 directly from an Arduino pin without a transistor?
- ⤷ What are the common footprints or physical dimensions for the 47DM series?