47DM-1124-R/Q
AI

The **47DM-1124-R/Q** refers to a high-voltage, high-current **Relay**, typically utilized in automotive and industrial applications. This specific model belongs to the power relay family, often used for heavy load switching.
---
### Technical Specifications
Below are the general specifications typical for this component series:
| Feature | Specification |
| :--- | :--- |
| **Component Type** | Electromechanical Power Relay |
| **Coil Voltage** | 24V DC |
| **Contact Arrangement** | 1 Form A (SPST-NO) |
| **Contact Rating** | 40A to 70A (Load dependent) |
| **Mounting Type** | PCB or Plug-in (depending on suffix) |
| **Operating Temperature** | -40°C to +125°C |
---
### Key Components & Functionality
The part functions through the interaction of several internal electronic and mechanical elements:
1. **The Coil (24V DC):**
When electricity flows through the copper coil, it creates a magnetic field. In this model, it is designed for 24V systems (common in trucks and industrial machinery).
2. **The Armature:**
A pivoting piece of ferromagnetic metal that is pulled toward the coil when energized.
3. **Contacts:**
Made of silver alloy (often Silver Tin Oxide) to resist "arcing" and welding under high current loads. The **47DM** series is known for handling high inrush currents.
4. **The Suffixes (-R/Q):**
* **R:** Usually indicates a **Resistor** is connected in parallel with the coil to suppress voltage spikes (back-EMF) when the relay is turned off.
* **Q:** Often refers to a specific quality standard or a change in terminal plating (e.g., Quick-connect terminals).
---
### Common Applications
Due to its high current capacity, this relay is found in:
* **Automotive:** Cooling fans, fuel pumps, and headlight circuits in 24V heavy-duty vehicles.
* **Industrial:** HVAC systems and motor control circuits.
* **Power Supplies:** Used as a safety disconnect or high-power switch.
---
### Typical Circuit Symbol
```mermaid
graph LR
A[Coil +] --- B(Spring/Armature)
B --- C[Coil -]
D[Input Pin 30] -.-> E[Output Pin 87]
```
- ⤷What is the difference between the 12V and 24V versions of this relay?
- ⤷ How does the internal resistor protect the controlling transistor?
- ⤷ What are the common failure modes for high-current relays?