47DR-1018-R
AI

The **47DR-1018-R** is a specific surface-mount device (SMD) power inductor, commonly used in high-density electronic circuits. Below is a detailed breakdown of its specifications and characteristics.
### 1. General Specifications
The part number follows a standard convention used by manufacturers like **Coiltronics (Eaton)**.
| Parameter | Specification |
| :--- | :--- |
| **Component Type** | Shielded Power Inductor |
| **Inductance** | 18 µH (Microhenries) |
| **Inductance Code** | 1018 (where '18' denotes the value) |
| **Mounting Type** | Surface Mount (SMD/SMT) |
| **RoHS Compliant** | Yes (indicated by the "-R" suffix) |
---
### 2. Physical and Electrical Properties
* **Shielding:** This is a **shielded** inductor. It is encased in a magnetic material (usually ferrite) to contain the magnetic field. This minimizes Electromagnetic Interference (EMI) with neighboring components on the PCB.
* **Core Material:** Typically uses a ferrite core, which provides high efficiency and low core losses at switching frequencies.
* **Dimensions:** The "47" in the prefix usually refers to the physical size series (e.g., approximately 4.0mm x 4.0mm or similar footprint depending on the specific manufacturer's catalog).
---
### 3. Key Performance Metrics
| Feature | Description |
| :--- | :--- |
| **DCR (DC Resistance)** | Designed to be low to minimize power dissipation (heat) and improve efficiency. |
| **Saturation Current ($I_{sat}$)** | The current level at which the inductance drops by a specified percentage (usually 30%). |
| **RMS Current ($I_{rms}$)** | The continuous current the inductor can handle without exceeding a specific temperature rise (usually 40°C). |
---
### 4. Common Applications
The 47DR-1018-R is versatile but primarily found in power management stages:
1. **DC-DC Converters:** Used in "Buck" (Step-down) or "Boost" (Step-up) regulators.
2. **Point of Load (POL) Converters:** Providing stable voltage to CPUs or FPGAs.
3. **Battery Powered Devices:** Due to its small footprint and high efficiency.
4. **Filtering:** Used in LC filters to smooth out voltage ripples in power supplies.
---
### 5. Identification Example
If you are looking at the marking on the physical part:
* **180**: Often represents 18 µH (18 + zero additional zeros).
* **R**: Indicates the part is lead-free and meets environmental standards.
- ⤷What is the maximum saturation current for the 47DR-1018-R?
- ⤷ Can this inductor be used in high-frequency switching power supplies above 1MHz?
- ⤷ What are the exact physical dimensions of the 47DR series package?