47DR-1023-R
AI

The part number **47DR-1023-R** typically refers to a specialized **EMI/RFI Suppression Filter** (often a 3-phase power line filter) manufactured by companies like **Curtis Industries** or similar power component specialists. These components are designed to protect sensitive equipment from electromagnetic interference.
---
### 1. Technical Specifications
The "47DR" series is generally characterized by high-performance noise suppression in industrial applications.
| Feature | Specification (Typical) |
| :--- | :--- |
| **Component Type** | EMI/RFI Power Line Filter |
| **Phase** | 3-Phase (Delta or Wye configuration) |
| **Rated Voltage** | 440V - 480V AC |
| **Rated Current** | 10A - 25A (Model dependent, 1023 suggests specific loading) |
| **Operating Frequency** | 50/60 Hz |
| **Mounting Type** | DIN Rail Mount (indicated by "DR") |
| **RoHS Compliant** | Yes (indicated by "-R") |
---
### 2. Breakdown of the Part Number
* **47**: Series identifier (High-performance industrial filters).
* **DR**: **DIN Rail** mounting style, allowing for easy installation in electrical control panels.
* **1023**: Internal manufacturer code for electrical characteristics (inductance/capacitance values).
* **-R**: Indicates compliance with **RoHS** (Restriction of Hazardous Substances) standards.
---
### 3. Key Electronic Functions
The 47DR-1023-R serves three primary roles within a circuit:
1. **Common Mode Noise Suppression**: Filters noise that occurs between the power lines and the ground.
2. **Differential Mode Noise Suppression**: Filters noise occurring between individual phases.
3. **Transient Protection**: Helps shield downstream electronics from voltage spikes and high-frequency "trash" on the power line.
### 4. Common Applications
These filters are critical in environments where "noisy" power could cause malfunctions:
* **Variable Frequency Drives (VFDs)**: Preventing motor noise from feeding back into the grid.
* **CNC Machinery**: Protecting sensitive logic controllers.
* **Medical Equipment**: Ensuring stable power for diagnostic tools.
* **Industrial Automation**: Reducing errors in PLC (Programmable Logic Controller) communications.
---
### 5. Installation Diagram (Conceptual)
```text
[ Power Source ] ---> [ 47DR-1023-R Filter ] ---> [ Sensitive Equipment ]
(L1, L2, L3) (GND Connection) (Clean Power)
```
- ⤷
What is the maximum leakage current for the 47DR series?
- ⤷ How does a DIN rail mount differ from a bolt-down mount in EMI filters?
- ⤷ Can this filter be used in single-phase applications?