AI

The **47DR-1024-R/Q** typically refers to a high-precision **Incremental Rotary Encoder**, often produced by manufacturers like *Nemicon* or as part of a specific industrial automation series. These components are essential for motion control, providing feedback on position, speed, and direction.
---
### ## Technical Specifications Breakdown
The alphanumeric code represents specific electrical and mechanical characteristics:
| Parameter | Specification | Details |
| :--- | :--- | :--- |
| **Model Series** | 47DR | 47mm Diameter Housing (Standard Industrial Size) |
| **Resolution** | 1024 | 1024 Pulses Per Revolution (PPR) |
| **Output Type** | R / Q | Line Driver (RS-422) or Complementary Output |
| **Supply Voltage** | 5V - 24V DC | Varies based on specific sub-driver configuration |
| **Max Frequency** | 100 kHz - 200 kHz | Determines maximum rotational speed tracking |
---
### ## Key Electronic Components
The internal architecture of this encoder consists of several critical stages:
1. **Light Source (LED):** An infrared LED emits a steady beam through a patterned disc.
2. **Code Disc:** A glass or plastic disc with 1,024 transparent and opaque slots. As it spins, it "chops" the light beam.
3. **Photodetector Array:** Receives the light pulses and converts them into low-level electrical signals (Sine/Cosine).
4. **Signal Processing Circuitry:**
* **Comparator:** Converts analog waves into clean square waves.
* **Quadrature Logic:** Generates two channels (**A** and **B**) offset by 90°. This allows the controller to determine the direction of rotation.
* **Index Channel (Z):** Provides a single pulse per full 360° rotation for "Home" positioning.
5. **Output Driver (Line Driver):**
* The "R/Q" designation usually implies a **Line Driver** output.
* It provides differential signals ($A, \bar{A}, B, \bar{B}, Z, \bar{Z}$).
* **Benefit:** High noise immunity over long cable runs (Common Mode Rejection).
---
### ## Wiring Configuration
Standard industrial color coding for these encoders usually follows this pattern:
```yaml
Red: Vcc (Power Supply)
Black: 0V (GND)
Green: Phase A
White: Phase B
Yellow: Phase Z (Index)
Brown: Phase /A (Differential)
Grey: Phase /B (Differential)
Orange: Phase /Z (Differential)
Shield: Earth Ground
```
---
### ## Applications
* **CNC Machines:** For precise axis positioning.
* **Servo Motors:** To provide closed-loop feedback to the drive.
* **Robotics:** For joint angle detection.
* **Conveyor Systems:** Monitoring belt speed and product spacing.
- ⤷
What is the difference between an incremental and an absolute encoder?
- ⤷ How do I troubleshoot a 'missing pulse' error in a 1024 PPR encoder?
- ⤷ Can this encoder be interfaced directly with an Arduino or PLC?