47DR-1112-R
AI

The **47DR-1112-R** is a specific part number belonging to a series of **RJ45 Integrated Connector Modules (ICM)**, manufactured by companies like **Bel Fuse (Stewart Connector)**.
These components are more than just simple plastic jacks; they are "MagJacks" that integrate the physical connector with the necessary electromagnetic components for Ethernet communication.
---
## 1. Technical Specifications
Below is a breakdown of the typical specifications for this component:
| Parameter | Specification |
| :--- | :--- |
| **Component Type** | RJ45 Integrated Connector (MagJack) |
| **Ports** | Single Port (1x1) |
| **Ethernet Speed** | 10/100/1000 Base-T (Gigabit Ethernet) |
| **Orientation** | Right Angle (Through-Hole) |
| **Shielding** | Shielded with EMI Tabs |
| **LEDs** | Integrated (Typically Green/Yellow) |
| **Termination** | Solder |
| **Mounting** | PCB Mount |
---
## 2. Key Internal Electronic Parts
The "47DR" series is unique because it combines several discrete electronic functions into one housing:
### A. The Isolation Transformer
This is the core functional part. It provides magnetic coupling between the PHY (Physical Layer) chip and the network cable.
* **Galvanic Isolation:** Protects the circuitry from high-voltage surges on the Ethernet line.
* **Signal Integrity:** Ensures clean data transmission over long distances.
### B. Common Mode Chokes
These are small coils wrapped around a ferrite core.
* **Noise Suppression:** They filter out electromagnetic interference (EMI) and radio frequency interference (RFI) without affecting the high-speed data signals.
### C. Termination Resistors and Capacitors
Often referred to as "Bob Smith Termination."
* **Impedance Matching:** Reduces signal reflections.
* **Common Mode Voltage:** Helps dissipate common-mode noise to the chassis ground via a high-voltage capacitor (usually rated for 2kV).
### D. Integrated LEDs
* The "1112" suffix usually denotes the specific LED configuration. These allow for visual status updates (Link/Activity) without requiring separate light pipes or board-mounted LEDs.
---
## 3. Physical Layout and Pinout
The part generally follows a standard footprint to ensure compatibility with Ethernet controllers:
1. **Signal Pins:** Connect to the Ethernet Transceiver (PHY).
2. **Shield Tabs:** Connect to the chassis ground to bleed off static and noise.
3. **LED Pins:** Separate pins to drive the indicator lights.
---
## 4. Typical Applications
* **Networking Equipment:** Routers, switches, and hubs.
* **Industrial PC:** Embedded motherboards and PLC controllers.
* **IoT Gateways:** Devices requiring reliable wired internet connectivity.
---
- ⤷
What is the pinout diagram for the 47DR-1112-R?
- ⤷ How does the 'Bob Smith Termination' inside this connector work?
- ⤷ What are the specific LED colors for the '1112' variant?