Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • 47DT-1B014-R

  • AI
    The part number **47DT-1B014-R** typically refers to a specialized **RJ45 Jack with Integrated Magnetics** (often called a "MagJack"). These components are essential in networking hardware to provide physical connection, signal conditioning, and electrical isolation. --- ## 1. Component Overview The 47DT-1B014-R is a single-port, Tab-Down RJ45 connector designed for Ethernet applications (specifically 10/100 Base-TX). ### Key Specifications | Feature | Specification | | :--- | :--- | | **Connector Type** | RJ45 | | **Ethernet Speed** | 10/100 Base-TX | | **Orientation** | Right Angle / Horizontal (Tab Down) | | **Magnetics** | Integrated Transformer and Common Mode Choke | | **LEDs** | Often features Green/Yellow LEDs (varies by sub-manufacturer) | | **Shielding** | EMI Metal Shield with PCB Grounding Tabs | | **RoHS Status** | Compliant (indicated by the "-R" suffix) | --- ## 2. Internal Electronic Structure Unlike a standard plastic phone jack, this part contains several electronic sub-components inside the metal housing: ### A. Isolation Transformer * **Function:** Provides 1500Vrms isolation between the external network cable and the internal sensitive PHY (Physical Layer) chip. * **Purpose:** Protects the device from static electricity, surges, and ground loops. ### B. Common Mode Choke * **Function:** Filters out high-frequency electromagnetic interference (EMI). * **Purpose:** Ensures the device passes FCC/CE emissions standards and prevents noise from corrupting data signals. ### C. Termination Resistors (Bob Smith Termination) * **Function:** Typically includes 75-ohm resistors and a high-voltage capacitor. * **Purpose:** Matches impedance and reduces common-mode emissions on unused wire pairs. --- ## 3. Physical Layout & Pinout The part is designed for **Through-Hole Technology (THT)** mounting. * **Front Side:** Accepts a standard Cat5/Cat5e Ethernet cable. * **PCB Side (Pins):** * **Signal Pins:** Connect to the Ethernet Transceiver (PHY). * **LED Pins:** Connect to the status indicator outputs of the processor. * **Shield Tabs:** Solder into the PCB chassis ground for EMI protection. --- ## 4. Typical Applications This specific part is found in devices that require a compact, reliable Ethernet interface: * **IoT Gateways:** For industrial or home automation. * **Embedded Systems:** Single-board computers or PLCs. * **Network Switches:** Entry-level or unmanaged desktop switches. * **Set-top Boxes:** For wired internet connectivity.
    ✨ Follow-up Questions
    • ⤷ What is the pinout diagram for the 47DT-1B014-R?
    • ⤷ Can this connector be used for Gigabit (1000 Base-T) Ethernet?
    • ⤷ What is the significance of 'Tab-Down' versus 'Tab-Up' orientation in RJ45 jacks?