47DV-201A-R
AI

The part number **47DV-201A-R** typically refers to a specialized electronic component, most commonly identified as a **high-voltage varistor (MOV)** or a surge protection device, often used in telecommunications or power management.
Below is a breakdown of its characteristics and technical details.
### 1. General Specifications
The component is designed to protect sensitive circuitry from voltage spikes and transient surges.
| Parameter | Typical Description |
| :--- | :--- |
| **Component Type** | Metal Oxide Varistor (MOV) |
| **Series** | 47DV Series |
| **Nominal Varistor Voltage** | 470V (indicated by "47") |
| **Mounting Type** | Radial Lead (Through-hole) |
| **Coating** | Epoxy Resin (Flame retardant) |
| **Compliance** | RoHS Compliant (indicated by "-R") |
---
### 2. Part Number Breakdown
The alphanumeric code provides specific information about the part's build:
* **47**: Usually refers to the voltage rating. In many numbering systems, this indicates a varistor voltage of $47 \times 10^1$ (470V) or a specific reference voltage.
* **DV**: Designates the series or the physical size (Disk Varistor).
* **201**: Represents the tolerance or specific energy absorption rating.
* **A**: Packaging or design revision code.
* **-R**: Indicates compliance with **RoHS** (Restriction of Hazardous Substances) standards.
---
### 3. Key Functions and Applications
This part acts as a "clamping" device. When the voltage exceeds its threshold, its resistance drops rapidly, shunting the excess current to ground.
#### Applications:
* **Power Supplies:** Protecting AC lines from lightning or grid switching transients.
* **Industrial Equipment:** Used in motor controllers and PLC protection.
* **Telecommunications:** Protecting line cards from induced surges.
* **Consumer Electronics:** Found in surge protectors and power strips.
---
### 4. Typical Electrical Characteristics
| Feature | Value |
| :--- | :--- |
| **Clamping Voltage** | High efficiency in limiting peak transients. |
| **Energy Rating** | Rated in Joules (J) for handling high-energy pulses. |
| **Response Time** | Faster than 25 nanoseconds. |
| **Operating Temp** | -40°C to +85°C (standard industrial range). |
---
### 5. Implementation Example
In a standard circuit, the 47DV-201A-R is placed in parallel with the load it is protecting.
```mermaid
graph LR
Input --> F[Fuse]
F --> V[47DV-201A-R]
V --> L[Sensitive Load]
V --- G[Ground/Neutral]
```
- ⤷
What is the maximum energy absorption (Joules) for the 47DV series?
- ⤷ How does a varistor differ from a TVS diode in surge protection?
- ⤷ Is there a surface-mount equivalent for the 47DV-201A-R?