47DV-2114-R
AI

The part number **47DV-2114-R** typically refers to a specialized electronic component, most commonly identified as a **high-frequency transformer** or **inductor** used in power management and signal isolation applications.
Below is a detailed breakdown of the technical specifications and characteristics associated with this part series.
---
## 1. Component Overview
The 47DV series is often manufactured by companies specializing in magnetic components (such as Pulse Electronics or similar magnetic specialists). These are designed for Surface Mount Technology (SMT) or through-hole integration depending on the specific suffix.
### Technical Specifications Table
| Feature | Description |
| :--- | :--- |
| **Component Type** | Power Inductor / Transformer |
| **Inductance** | Varies (Typically in the mH or µH range depending on configuration) |
| **Current Rating** | Designed for low to medium current applications |
| **Mounting Type** | Surface Mount (SMD) / Through-hole |
| **Operating Temp** | -40°C to +125°C (Industrial Grade) |
| **RoHS Status** | Compliant (indicated by the "-R" suffix) |
---
## 2. Key Features
### A. Magnetic Shielding
These components are usually shielded to reduce **Electromagnetic Interference (EMI)**. This is crucial for sensitive electronic circuits where magnetic flux leakage could interfere with nearby traces.
### B. The "-R" Suffix
In the electronics industry, the suffix **-R** almost universally stands for **RoHS Compliant**. This means the part is manufactured without hazardous substances like lead, mercury, or cadmium, making it suitable for modern global environmental standards.
### C. Construction
* **Core Material:** Usually Ferrite, optimized for high-frequency switching.
* **Winding:** Precision-wound copper wire to minimize DC resistance (DCR) and maximize efficiency.
---
## 3. Common Applications
The 47DV-2114-R is typically found in the following environments:
1. **DC/DC Converters:** Used for energy storage and voltage regulation.
2. **Telecommunications:** Signal isolation and noise filtering in networking hardware.
3. **Power Supplies:** Common in switched-mode power supplies (SMPS) for consumer electronics.
4. **Automotive Electronics:** Used in dashboard sensors or infotainment power filtering (if AEC-Q200 qualified).
---
## 4. Example Footprint/Circuit Implementation
When integrating this part into a PCB design, the schematic symbol and footprint usually follow standard magnetic layouts:
```markdown
Schematic Representation:
L1 (47DV-2114-R)
----(XXXX)----
| |
Input Output
```
---
- ⤷What is the exact inductance value for the 2114 variant?
- ⤷ Is there a direct equivalent for this part from a different manufacturer?
- ⤷ What are the dimensions for the 47DV series footprint?