47LAC-140B-R
AI

The **47LAC-140B-R** is a specific model of an **Electromagnetic Brake** (clutch-brake mechanism), commonly manufactured by companies like Ogura Clutch or similar industrial automation brands. These components are designed for precision motion control in machinery.
---
### ## Technical Specifications
Below is a breakdown of the typical electronic and mechanical characteristics for this series:
| Parameter | Specification (Typical) |
| :--- | :--- |
| **Component Type** | Electromagnetic Brake / Micro-Clutch |
| **Voltage** | 24V DC (Standard for industrial control) |
| **Static Torque** | Approximately 1.4 Nm (Newton-meters) |
| **Power Consumption** | ~8W - 10W |
| **Response Time** | Fast (typically <20ms for engagement) |
| **Bore Diameter** | 14mm (specified by the "140" in some naming conventions) |
| **RoHS Compliant** | Yes (indicated by the "R" suffix) |
---
### ### Electronic Principles of Operation
The 47LAC-140B-R operates on the principle of **electromagnetism** to manage mechanical rotation:
1. **Excitation (Power ON):** When 24V DC is applied to the internal copper coil, it creates a magnetic field.
2. **Magnetic Flux:** This flux pulls an armature plate against a rotor or friction face.
3. **Torque Transfer:** The friction between the surfaces causes the shaft to either stop (Brake) or sync with the motor (Clutch).
4. **Release (Power OFF):** A return spring pushes the armature away, allowing the shaft to rotate freely (freewheeling).
---
### ### Key Features
* **Zero Backlash:** Designed for high-precision applications where positioning must be exact.
* **Compact Design:** The "Micro" series is optimized for space-constrained environments like office equipment or small robotics.
* **Dry-Type Friction:** Uses dry friction surfaces, meaning it requires no oil and is virtually maintenance-free.
* **Fast Response:** High-speed engagement and disengagement cycles.
---
### ### Common Applications
This part is frequently found in the following systems:
* **Paper Handling:** Photocopiers, printers, and sorting machines.
* **Packaging Machinery:** Small-scale labeling and wrapping units.
* **Medical Equipment:** Precision positioning for imaging or lab automation.
* **Robotics:** Joint locking or motor braking for small robotic arms.
- ⤷
What is the exact wiring diagram for the 24V DC connection?
- ⤷ Are there compatible alternatives if this specific model is discontinued?
- ⤷ How do I calculate the wear life of the friction plates for this model?