47LAC-151R-R/Q
AI

The part number **47LAC-151R-R/Q** typically refers to a high-frequency, shielded power inductor or a chip-type component, often part of a series produced by manufacturers like **Coilmaster Electronics** or similar specialists in magnetic components.
Below is a detailed breakdown of the electronic specifications and characteristics for this component.
### 1. Technical Specifications
This component is designed for power management circuits where surface-mount technology (SMT) is required.
| Parameter | Specification (Typical) |
| :--- | :--- |
| **Inductance** | 150 µH (Microhenries) |
| **Tolerance** | ±20% (indicated by 'M' or internal series codes) |
| **DCR (DC Resistance)** | Approx. 0.450 Ω – 0.650 Ω (Max) |
| **Isat (Saturation Current)** | ~0.70A - 0.90A |
| **Irms (Rated Current)** | ~0.60A - 0.85A |
| **Operating Temp** | -40°C to +125°C |
| **Shielding** | Magnetically Shielded |
---
### 2. Part Number Breakdown
While manufacturer conventions vary slightly, the nomenclature usually follows this logic:
* **47L**: Represents the series identifier (likely a 4x4mm or 7x7mm footprint class).
* **AC**: Often denotes the core material or specific application (Automotive or Standard Grade).
* **151**: The Inductance Value.
* `15` = first two digits.
* `1` = the multiplier (10^1).
* Result: $15 \times 10 = 150 \mu H$.
* **R**: Typically stands for "RoHS Compliant."
* **Q**: Often indicates **AEC-Q200** qualification (Automotive grade reliability).
---
### 3. Key Features and Applications
#### Features
* **Magnetic Shielding:** Minimizes Electromagnetic Interference (EMI) with neighboring components.
* **Low Profile:** Designed for compact PCB layouts.
* **High Reliability:** The "/Q" suffix suggests it can withstand harsh environments, thermal cycling, and mechanical vibration.
#### Common Applications
1. **DC-DC Converters:** Used for energy storage and filtering in step-up (Boost) or step-down (Buck) converters.
2. **Automotive Electronics:** Power supplies for infotainment, ADAS sensors, and LED lighting.
3. **Industrial Controls:** Filtering noise in power lines for PLCs and sensors.
4. **Consumer Electronics:** Power management in laptops and high-end peripherals.
---
### 4. Footprint and Mounting
The component is an **SMD (Surface Mount Device)**. It features flat bottom electrodes to ensure stable mounting during the reflow soldering process.
```text
[ Top View ] [ Side View ]
+--------------+ +------------+
| 151 | | [Shield] |
| (Marking) | | [Base] |
+--------------+ +------------+
(4.x mm) (3.x mm)
```
- ⤷
What are the equivalent alternative parts for the 47LAC-151R-R/Q from brands like Bourns or TDK?
- ⤷ How does the 'Q' suffix impact the testing standards for this inductor?
- ⤷ What is the maximum reflow temperature recommended for this specific SMD package?