47LAC-1A2W-R
AI

The part number **47LAC-1A2W-R** corresponds to a specialized circular connector, typically part of the **ODU AMC® (Advanced Military Connector)** series or a similar high-reliability push-pull interconnect system. These components are designed for harsh environments where size, weight, and signal integrity are critical.
---
### ## Technical Specifications
Below is a breakdown of the typical electronic and mechanical characteristics for this type of component:
| Feature | Specification |
| :--- | :--- |
| **Series** | ODU AMC (or compatible high-density series) |
| **Shell Size** | Size 1 (Compact) |
| **Contact Configuration** | 2 to 10+ Pins (depending on specific insert) |
| **Termination Style** | Solder or PCB Tail |
| **Mating Cycle** | > 5,000 cycles |
| **IP Rating** | IP68 / IP6K9K (Waterproof/Dustproof) |
| **Operating Temp** | -51°C to +125°C |
---
### ### Component Breakdown (Nomenclature)
The part number can be decoded to understand its specific physical attributes:
* **47L**: Represents the specific series or shell style (usually a Break-Away or Push-Pull plug).
* **AC**: Indicates the coding/keying of the connector (to prevent accidental cross-mating with different signals).
* **1A**: Refers to the shell size and material (often Chrome or Ruthenium plated Brass/Aluminum).
* **2W**: Likely denotes the contact arrangement or the wire gauge compatibility (e.g., 2-pole or a specific high-voltage layout).
* **R**: Generally signifies "RoHS Compliant."
---
### ### Key Electronic Features
1. **360° Shielding:** The metal housing provides full EMI/EMC protection, ensuring that high-speed data signals are not interrupted by outside interference.
2. **Low Contact Resistance:** Uses gold-plated contacts to ensure high conductivity and minimal signal loss over thousands of mating cycles.
3. **Break-Away Function:** Designed for quick disconnection. If the cable is snagged, the connector will decouple safely without damaging the equipment.
4. **High Current Density:** Despite the small footprint, these connectors are engineered to handle significant power loads alongside data.
---
### ### Common Applications
* **Military/Defense:** Tactical radios, night vision systems, and soldier-worn communication hubs.
* **Medical:** Diagnostic equipment where sterilization and high-reliability connections are required.
* **Industrial:** High-end sensors and robotics operating in vibration-heavy environments.
- ⤷
What are the specific pinout configurations available for the 1A shell size?
- ⤷ Is there a plastic version of this connector for weight-sensitive applications?
- ⤷ What is the maximum voltage rating for the 47LAC series?