47LAC-1D0R-R
AI

The part number **47LAC-1D0R-R** belongs to a specific series of high-precision electronic components, typically categorized as a **Precision Thin Film Chip Resistor** or a specific high-stability resistor network.
Below is a detailed breakdown of its specifications, construction, and applications.
---
### 1. General Specifications
| Feature | Description |
| :--- | :--- |
| **Component Type** | Thin Film Precision Resistor |
| **Resistance Value** | 1.0 $\Omega$ (indicated by "1D0R" or "1R0") |
| **Tolerance** | Usually $\pm$0.5% or $\pm$1% (Series dependent) |
| **Package/Case** | Surface Mount Device (SMD) |
| **Termination** | Lead-free, RoHS Compliant |
### 2. Part Number Breakdown
While manufacturers have unique naming conventions, the code usually follows this logic:
* **47L**: Represents the series (often indicating low TCR - Temperature Coefficient of Resistance).
* **AC**: Refers to the physical size or the temperature coefficient characteristics.
* **1D0R**: This is the resistance code. "1D0R" typically translates to **1.0 Ohm**.
* **R**: Generally stands for the packaging type, such as **Tape & Reel**.
### 3. Key Technical Characteristics
Thin film resistors like the 47LAC series are engineered for performance in sensitive circuits.
* **Low Noise:** Thin film construction results in significantly lower current noise compared to thick film alternatives.
* **Temperature Stability:** These parts maintain a very consistent resistance value even as the operating temperature fluctuates (Low TCR).
* **Precision:** Used where exact resistance values are critical for circuit logic or signal integrity.
### 4. Common Applications
Due to its high precision, this component is commonly found in:
1. **Medical Electronics:** Monitoring equipment where signal accuracy is life-critical.
2. **Telecommunications:** Base stations and high-speed data transmission modules.
3. **Industrial Controls:** Sensor interfaces and PLC (Programmable Logic Controller) analog inputs.
4. **Test and Measurement:** Multimeters, oscilloscopes, and calibration tools.
---
### 5. Schematic Symbol and PCB Footprint
In electronic design software (like Altium or KiCad), the part is represented as follows:
```text
Symbol Footprint (Typical SMD)
______ _________________
-----| |----- | [ ] [ ] |
| 1R | | [ ] [ ] |
-----|______|----- |_________________|
```
- ⤷
What is the maximum power rating (Wattage) for this specific resistor size?
- ⤷ How does a thin film resistor differ from a thick film resistor in terms of durability?
- ⤷ Which manufacturers are the primary producers of the 47L series?