47LAC-1D1B-R
AI

The **47LAC-1D1B-R** is a specific part number typically associated with high-performance **Fiber Optic Transceivers** (specifically SFP or SFP+ modules). These components are critical for data telecommunications, converting electrical signals into optical signals (and vice versa) to transmit data over fiber optic cables.
---
## 1. Technical Specifications
Based on the naming convention (commonly used by manufacturers like Delta or generic optical vendors), here is a breakdown of its technical profile:
| Feature | Specification |
| :--- | :--- |
| **Form Factor** | SFP (Small Form-factor Pluggable) |
| **Data Rate** | Typically 1.25 Gbps (Gigabit Ethernet) |
| **Wavelength** | 1310 nm (Standard for Single-Mode) |
| **Transmission Distance** | 10 km to 20 km (Medium Range) |
| **Connector Type** | Duplex LC (Standard push-pull latch) |
| **Fiber Type** | Single-Mode Fiber (SMF) |
| **Voltage Supply** | 3.3V |
---
## 2. Component Breakdown
The device consists of several key electronic sub-assemblies inside the metal casing:
### A. The Optical Sub-Assembly (OSA)
* **TOSA (Transmitter):** Contains a laser diode (usually a Fabry-Pérot or DFB laser) that converts electrical bits into light pulses.
* **ROSA (Receiver):** Contains a PIN photodiode that detects incoming light pulses and converts them back into electrical current.
### B. The PCB Interface
The internal circuit board handles:
* **Laser Driver:** Controls the current sent to the laser.
* **Limiting Amplifier:** Cleans up the electrical signal received from the ROSA.
* **EEPROM:** Stores identification data (Part number, Vendor ID, Serial number) so the switch can recognize the module.
---
## 3. Applications and Usage
This part is primarily used in networking hardware to bridge the gap between local copper-based electronics and long-distance fiber networks.
* **Ethernet Switches:** Plugging into SFP ports on Cisco, Juniper, or HP switches.
* **Enterprise Networking:** Connecting servers in different buildings.
* **FTTH (Fiber to the Home):** Used in central office equipment for data distribution.
---
## 4. Part Number Decoding (Typical)
| Segment | Meaning |
| :--- | :--- |
| **47L** | Product Series / Manufacturer Code |
| **AC** | Commercial Temperature Range (0°C to 70°C) |
| **1D1B** | Optical specs (1310nm / 1.25G / 10km) |
| **-R** | RoHS Compliant (Lead-free) |
- ⤷
What is the difference between Single-Mode and Multi-Mode fiber for this part?
- ⤷ How can I verify if this SFP is compatible with a Cisco switch?
- ⤷ Does this module support Digital Diagnostic Monitoring (DDM)?