47LAC-200B-R
AI

The **47LAC-200B-R** is a specific model of an **Electromagnetic Passive Buzzer** (also referred to as a transducer). These components are widely used in consumer electronics, automotive alerts, and industrial equipment to provide audible feedback.
Below is a detailed breakdown of its technical specifications and characteristics.
---
### 1. Key Technical Specifications
| Parameter | Typical Value / Specification |
| :--- | :--- |
| **Type** | Electromagnetic / Passive |
| **Operating Voltage** | 1.0V ~ 2.0V (Typical 1.5V) |
| **Rated Current** | Max 10 - 30mA (depending on driving frequency) |
| **Sound Pressure Level (SPL)** | ~80dB at 10cm |
| **Resonant Frequency** | ~2000Hz - 2700Hz |
| **Coil Resistance** | ~40Ω - 50Ω |
| **Operating Temperature** | -20°C to +70°C |
### 2. Physical Construction
The "47LAC" series typically features a compact, circular form factor designed for space-constrained PCB layouts.
* **Housing:** Usually made of NORYL (a plastic blend) for heat resistance during soldering.
* **Terminals:** Through-hole pins (DIP) or Surface Mount (SMD), depending on the specific suffix.
* **Diaphragm:** A metal plate moved by the magnetic field generated by the internal coil.
### 3. Working Principle: Passive vs. Active
It is crucial to note that this is a **Passive** buzzer.
* **Passive (Transducer):** It does not have an internal oscillation circuit. To produce sound, you must provide a square wave signal (PWM) at its resonant frequency.
* **Active (Indicator):** These only require a DC voltage to beep. The 47LAC-200B-R **cannot** beep if simply connected to a DC battery; it requires a toggling signal.
### 4. Circuit Integration Example
To drive this buzzer using a microcontroller (like an Arduino or ESP32), a transistor is recommended because the current draw may exceed the GPIO pin limit.
```cpp
// Example: Driving a passive buzzer via PWM
int buzzerPin = 9; // Connect to Base of NPN transistor
void setup() {
pinMode(buzzerPin, OUTPUT);
}
void loop() {
tone(buzzerPin, 2048); // Send 2048Hz square wave
delay(500);
noTone(buzzerPin); // Stop sound
delay(500);
}
```
---
### 5. Common Applications
* **Household Appliances:** Microwaves, washing machines, and air conditioners.
* **Measurement Tools:** Multimeters or handheld scanners.
* **Computing:** Motherboard POST codes (legacy beeps).
---
- ⤷
How does the resonant frequency affect the volume of the 47LAC-200B-R?
- ⤷ Can I drive this buzzer directly from a 5V logic pin?
- ⤷ What is the difference between this and a piezo buzzer?