47LAC-202G-R
AI

The **47LAC-202G-R** is a specific electronic component, typically categorized as a **Resistor Network** or a **Thick Film Chip Resistor Array**. These components are designed to integrate multiple resistors into a single package to save space on a Printed Circuit Board (PCB).
---
### 1. Component Overview
The part number follows a standard nomenclature used by manufacturers (often associated with brands like Walsin or similar passive component specialists).
| Feature | Specification |
| :--- | :--- |
| **Component Type** | Thick Film Resistor Array |
| **Circuit Type** | Isolated or Common Terminal (typically 4 isolated resistors) |
| **Resistance Value** | 2.0 kΩ (indicated by "202") |
| **Tolerance** | ±2% (indicated by "G") |
| **Termination** | Lead-free / RoHS Compliant (indicated by "R") |
---
### 2. Breakdown of the Part Number
To understand the technical characteristics, we can decode the alphanumeric string:
* **47L**: Usually refers to the series and physical size (often 0603 or 1206 footprint depending on the manufacturer's catalog).
* **AC**: Designates the configuration (e.g., concave or convex terminations).
* **202**: The resistance code.
* `20` = The first two significant digits.
* `2` = The multiplier (10 to the power of 2).
* *Calculation:* $20 \times 10^2 = 2,000$ Ohms ($2k\Omega$).
* **G**: The tolerance code.
* `G` = ±2%.
* **R**: Packaging or RoHS status.
* `R` = Taped & Reeled / RoHS compliant.
---
### 3. Key Technical Advantages
Using a resistor array like the 47LAC-202G-R instead of individual discrete resistors offers several benefits:
1. **Space Efficiency:** Reduces the total area occupied on the PCB compared to four individual 0603 resistors.
2. **Assembly Speed:** Pick-and-place machines can mount one component instead of four, increasing production throughput.
3. **Cost Reduction:** Lowers the BOM (Bill of Materials) count and handling costs.
4. **Tracking:** Because the resistors are on the same substrate, they exhibit similar temperature coefficients, leading to better thermal tracking.
---
### 4. Common Applications
* **Pull-up/Pull-down Resistors:** Used for digital I/O lines or data buses.
* **Damping Resistors:** Placed in series with high-speed data lines to reduce signal reflection.
* **LED Current Limiting:** Driving multiple LEDs in a display or indicator panel.
- ⤷
What is the physical package size (footprint) for this specific part series?
- ⤷ Can this part be used in high-temperature automotive environments?
- ⤷ What is the power rating per individual resistor in this array?