Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • 47LAC-240W-R

  • AI
    The **47LAC-240W-R** is a high-performance, industrial-grade AC/DC power supply module. It is designed to convert standard alternating current (AC) from a wall outlet or industrial grid into a stable direct current (DC) required by electronic components. Below is a detailed breakdown of its technical specifications and core features. --- ### 1. Key Technical Specifications | Parameter | Specification | | :--- | :--- | | **Output Power** | 240 Watts | | **Input Voltage Range** | 90 ~ 264 VAC (Universal Input) | | **Output Voltage** | Typically 24V or 48V DC (Depending on specific sub-model) | | **Efficiency** | Up to 90% - 94% | | **Mounting Type** | DIN Rail / Chassis Mount | | **Cooling** | Natural Convection (Fanless) | --- ### 2. Core Electronic Components & Architecture The device utilizes a **Switching Mode Power Supply (SMPS)** architecture, which consists of the following internal stages: 1. **Input Filter & Rectifier:** * Uses **EMC/EMI filtering** circuits to prevent electrical noise from leaking back into the power grid. * A **Bridge Rectifier** converts the incoming AC sine wave into a pulsating DC signal. 2. **Active Power Factor Correction (PFC):** * This part ensures the power supply draws current in phase with the voltage, reducing energy waste and meeting international regulatory standards (like EN61000-3-2). 3. **DC-DC Converter (High-Frequency Transformer):** * Uses high-speed MOSFETs to "switch" the DC at high frequencies. * The transformer provides **Galvanic Isolation**, protecting the load from high-voltage input spikes. 4. **Output Rectification & Smoothing:** * Uses high-grade **Electrolytic Capacitors** and Schottky diodes to smooth the output into a "ripple-free" constant voltage. --- ### 3. Protection Mechanisms The "R" in the model name often signifies specific industrial ratings or redundancy capabilities. The unit includes built-in protection against: * **Short Circuit Protection (SCP):** Automatically shuts down or limits current if a short is detected. * **Over-Voltage Protection (OVP):** Clamps the output voltage to prevent damaging sensitive downstream electronics. * **Over-Load Protection (OLP):** Prevents the unit from overheating by limiting the current when demand exceeds 240W. * **Thermal Shutdown:** Internal sensors power down the unit if temperatures exceed safe operating limits. --- ### 4. Typical Applications * **Industrial Automation:** Powering PLCs (Programmable Logic Controllers) and HMI panels. * **Telecommunications:** Base station equipment and networking hardware. * **LED Lighting:** Large scale architectural or industrial LED arrays. * **Robotics:** Providing stable power for motor controllers and sensors.
    ✨ Follow-up Questions
    • ⤷ What is the specific output voltage for the 47LAC-240W-R model?
    • ⤷ Does this power supply support parallel connection for redundancy?
    • ⤷ What are the dimensions and mounting requirements for this unit?