47LAC-241R-R/
AI

The part number **47LAC-241R-R** typically refers to a specialized component within the **47L series**, often associated with surface-mount device (SMD) power inductors or line filters, commonly manufactured by brands like **Chilisin** or **Bourns**.
Below is a detailed breakdown of its electronic characteristics and specifications.
---
### 1. Component Overview
The "47LAC" series is generally categorized as a **Wire-wound Surface Mount Power Inductor** or a **Common Mode Choke**, depending on the specific manufacturer's catalog. These parts are designed for high-density power supply circuits.
### 2. Technical Specifications
Based on standard naming conventions for this part family, the specifications are as follows:
| Parameter | Value/Description |
| :--- | :--- |
| **Inductance** | 240 µH (indicated by "241") |
| **Tolerance** | ±20% (standard for this class) |
| **Inductance Code** | 241 (24 x 10^1 = 240) |
| **Packaging** | Tape & Reel (indicated by the final "R") |
| **Mounting Type** | Surface Mount (SMD/SMT) |
| **Termination** | RoHS Compliant (Lead-free) |
### 3. Key Electronic Functions
* **Filtering:** It is primarily used to filter out high-frequency noise in DC-to-DC converters.
* **Energy Storage:** Acts as an energy storage element in power management systems.
* **EMI Suppression:** Helps in reducing Electromagnetic Interference (EMI) to meet regulatory standards.
### 4. Typical Applications
These parts are found in various electronic devices requiring stable power delivery:
1. **Consumer Electronics:** Laptops, tablets, and gaming consoles.
2. **Telecommunications:** Network hubs and base station power modules.
3. **Industrial:** DC-DC converter modules and power supplies.
---
### Coding Example: Calculating Reactance
If you are using this inductor in a circuit, you might need to calculate its inductive reactance ($X_L$) using the formula $X_L = 2\pi fL$.
```python
import math
def calculate_reactance(inductance_uh, frequency_hz):
# Convert microhenries to Henries
L = inductance_uh * 1e-6
# Calculate Reactance
xl = 2 * math.pi * frequency_hz * L
return xl
# Example for 240uH at 100kHz
inductance = 240
frequency = 100000
print(f"Reactance: {calculate_reactance(inductance, frequency):.2f} Ohms")
```
- ⤷
What is the maximum current rating (Irms) for the 47LAC-241R-R?
- ⤷ Can this part be used in automotive-grade applications?
- ⤷ What are the physical dimensions (footprint) of the 47LAC series?