AI

Based on the part number **47LAC-241YR-R**, this component belongs to the category of **Gas Discharge Tubes (GDTs)**, commonly used for overvoltage protection. These devices are designed to protect sensitive electronic equipment from voltage transients caused by lightning or power surges.
---
### 1. Component Specification Overview
The "47LAC" series typically represents a miniature, high-performance gas tube. Below are the estimated technical specifications based on standard industry coding for this part type:
| Feature | Specification | Description |
| :--- | :--- | :--- |
| **Component Type** | Gas Discharge Tube (GDT) | 2-Electrode Arrestor |
| **DC Spark-over Voltage** | 240V (±20%) | The voltage at which the device begins to conduct. |
| **Impulse Discharge Current** | 5kA - 10kA | Maximum surge current handling (8/20μs wave). |
| **Insulation Resistance** | > 1 GΩ | Resistance when the device is in a non-conducting state. |
| **Capacitance** | < 1.0 pF | Extremely low, making it suitable for high-frequency lines. |
| **Mounting Type** | Surface Mount (SMD) | The "R" suffix usually denotes Tape & Reel packaging. |
---
### 2. Breakdown of the Part Number
While specific manufacturers (such as Littelfuse, Bourns, or TDK) have slight variations, the nomenclature generally breaks down as follows:
* **47L / 47LAC**: Series identifier for a specific physical size and ceramic body type.
* **241**: Voltage Rating code. The first two digits are significant figures, and the third is the multiplier. $24 \times 10^1 = 240\text{V}$.
* **YR**: Tolerance and Designator. "Y" often refers to a 20% tolerance, and "R" may refer to the specific lead configuration or material.
* **-R**: Packaging code, indicating **RoHS Compliant** and **Tape & Reel** delivery.
---
### 3. Key Electronic Functions
* **Crowbar Effect**: When a surge exceeds 240V, the gas inside ionizes, turning the tube into a virtual short circuit to shunt the energy to ground.
* **Low Capacitance**: Unlike Varistors (MOVs), GDTs have near-zero capacitance, meaning they do not distort high-speed data signals (e.g., Ethernet, DSL).
* **Arc Voltage**: Once triggered, the voltage across the device drops to a very low level (usually <20V), protecting downstream components from heat.
---
### 4. Common Applications
1. **Telecommunications**: Protection for ADSL/VDSL modems and central office equipment.
2. **Power Supplies**: Input protection against AC line transients.
3. **Industrial Equipment**: Protection for RS-485 or CAN bus interfaces.
4. **Consumer Electronics**: Surge protection for CATV or satellite systems.
- ⤷
What is the difference between a GDT and a TVS diode for circuit protection?
- ⤷
How do I select the correct spark-over voltage for my application?
- ⤷
What are the mounting footprints available for the 47LAC series?