47LAC-250B-R
AI

The part number **47LAC-250B-R** typically refers to a **High-Voltage Ceramic Disc Capacitor**, often categorized under safety-rated components (Y-Class capacitors). These are commonly used in power supply circuits for electromagnetic interference (EMI) suppression.
---
### 1. Technical Specifications
Below is a breakdown of the typical technical parameters for this component:
| Parameter | Specification (Typical) |
| :--- | :--- |
| **Capacitance** | 25pF to 4700pF (Depends on series) |
| **Voltage Rating** | 250V AC (RMS) |
| **Safety Class** | Y2 / X1 |
| **Tolerance** | ±10% (K) or ±20% (M) |
| **Temperature Coeff.** | Y5P, Y5U, or Y5V |
| **Termination** | Radial Leaded |
| **RoHS Status** | Compliant (-R suffix) |
---
### 2. Part Number Breakdown
While nomenclature varies slightly by manufacturer (such as **Murata** or **TDK** style clones), the code generally breaks down as follows:
* **47**: Often represents the capacitance value base.
* **L**: High voltage/Safety designation.
* **AC**: Designed for Alternating Current (AC) line applications.
* **250**: Rated voltage (250V AC).
* **B**: Bulk packaging or a specific tolerance/dielectric code.
* **-R**: Indicates compliance with **RoHS** (Restriction of Hazardous Substances) standards.
---
### 3. Key Applications
These components are specifically engineered for "Line-to-Ground" applications where a failure could lead to electric shock.
1. **EMI/RFI Filtering**: Suppressing noise in switching power supplies.
2. **Antenna Coupling**: Isolating user-accessible parts from high-voltage circuitry.
3. **Line Bypass**: Diverting transient surges to the ground.
4. **Power Adapters**: Found in almost all laptop bricks and phone chargers to meet safety regulations.
---
### 4. Safety Class Significance
As a **Y2** rated capacitor, this part is designed to be "fail-safe." If the capacitor fails, it is designed to fail **open** rather than shorted, preventing the chassis of a device from becoming "live" with electricity and causing a lethal shock to the user.
- ⤷
What is the difference between X-class and Y-class safety capacitors?
- ⤷ How do I identify the manufacturer of this specific part number?
- ⤷ Can I replace a 250V AC capacitor with a higher voltage DC capacitor?