47LAC-260G-R
AI

The part number **47LAC-260G-R** refers to a high-precision **Thin Film Chip Resistor**, commonly used in automotive, industrial, and telecommunications electronics where stability and reliability are critical.
---
### 1. Component Specifications
The following table outlines the technical characteristics typically associated with this specific series and part number:
| Parameter | Specification | Description |
| :--- | :--- | :--- |
| **Component Type** | Thin Film Chip Resistor | High precision surface mount device (SMD) |
| **Resistance Value** | 260 Ohms | Indicated by the "260" in the code |
| **Tolerance** | ±2% (G) | The "G" suffix denotes a 2% resistance tolerance |
| **Package Size** | 0402 or 0603 | Depends on manufacturer series (check datasheet) |
| **Temperature Coeff.** | ±25 to ±50 ppm/°C | Low drift over temperature changes |
| **RoHS Status** | Compliant (R) | The "R" usually indicates RoHS/Lead-Free compliance |
---
### 2. Key Features
* **High Stability:** Thin film technology provides significantly better stability over time and temperature compared to standard thick film resistors.
* **Low Noise:** Excellent for signal processing applications because thin film materials produce very little electronic noise.
* **Precision Performance:** Used in circuits where the exact resistance value is critical for the accuracy of the device.
---
### 3. Application Areas
These resistors are generally found in:
1. **Automotive Electronics:** Control units, sensor interfaces, and navigation systems.
2. **Telecommunications:** Base stations and high-speed networking hardware.
3. **Medical Equipment:** Monitoring devices where signal integrity is paramount.
4. **Test and Measurement:** Precision multimeters and oscillating equipment.
---
### 4. Part Number Breakdown (Typical)
* **47L:** Series identifier (often associated with Susumu or similar precision manufacturers).
* **AC:** Internal characteristic or casing code.
* **260:** The resistance value (260 $\Omega$).
* **G:** Tolerance code (G = 2%).
* **R:** Packaging/Compliance (Tape & Reel or RoHS compliant).
- ⤷What is the difference between thin film and thick film resistors?
- ⤷ How do I interpret the tolerance codes like 'G' or 'F'?
- ⤷ Can this resistor be used in high-frequency RF circuits?