47LAC-261G-R
AI

The **47LAC-261G-R** is a specific electronic component, typically classified as a **Precision Potentiometer** or a **Multi-turn Trimmer**. It is widely used in circuits where fine-tuning of resistance is required for calibration.
---
### 1. Key Technical Specifications
Based on the standard nomenclature for this series, here are the primary technical characteristics:
| Property | Specification | Details |
| :--- | :--- | :--- |
| **Component Type** | Potentiometer | Multi-turn precision type |
| **Resistance Value** | 260 $\Omega$ | Indicated by the code "261" (26 x 10^1) |
| **Tolerance** | $\pm$ 2% | Standard for high-precision "G" grade |
| **Turns** | 10 Turns | Allows for high-resolution adjustment |
| **Mounting Type** | Through-hole | Standard PCB mounting pins |
| **RoHS Status** | Compliant | Indicated by the "R" suffix |
---
### 2. Functional Description
The device operates as a variable resistor. Unlike a standard single-turn volume knob, a multi-turn trimmer like the 47LAC series uses a worm gear mechanism to move a wiper across a resistive element.
* **Precision Tuning:** Because it requires multiple full rotations (usually 10) to travel from 0 $\Omega$ to the maximum resistance, it allows for extremely minute adjustments.
* **Stability:** These components are designed to maintain their resistance setting even under vibration or thermal stress.
* **Materials:** Usually features a Cermet (Ceramic-Metal) or wirewound element to ensure longevity and low temperature coefficient.
---
### 3. Pin Configuration and Schematic
Most potentiometers in this class follow a standard 3-pin layout:
```text
Pin 1: Input (Clockwise/Counter-Clockwise Terminal)
Pin 2: Wiper (The adjustable output)
Pin 3: Input (Opposite Terminal)
```
In a circuit diagram, it is represented as a resistor with an arrow pointing to the center, indicating the adjustable "Wiper" (Pin 2).
---
### 4. Common Applications
* **Voltage Dividers:** Setting precise reference voltages for Op-Amps.
* **Calibration:** Adjusting the gain of sensors or the offset of measurement instruments.
* **Power Supplies:** Fine-tuning the output voltage of a DC-DC converter.
* **Industrial Controls:** Used in motor speed controllers where set-points must be exact.
- ⤷
What is the power rating (in Watts) for the 47LAC series?
- ⤷ How do I test if the 47LAC-261G-R is functioning correctly using a multimeter?
- ⤷ What are the physical dimensions or footprint of this component for PCB design?