Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • 47LAC-2D2G-R/Q

  • AI
    Based on the part number **47LAC-2D2G-R/Q**, this component belongs to a series of high-performance **Circular Connectors**, typically utilized in medical, industrial, or high-reliability data environments. The specific nomenclature usually follows the standards of manufacturers like **ODU** (specifically their MINI-SNAP series) or compatible high-precision push-pull connector systems. --- ### Component Breakdown Below is the structural breakdown of the part number attributes: | Segment | Attribute | Description | | :--- | :--- | :--- | | **47** | Series / Size | Refers to the physical shell size (Size 4) and housing style. | | **L** | Housing Type | Typically denotes an In-line receptacle or specific panel mount style. | | **AC** | Keying | Mechanical coding (e.g., 60° or 45° orientation) to prevent cross-mating. | | **2D2** | Contact Configuration | Indicates the number of pins/contacts (usually 2 or high-density low voltage). | | **G** | Contact Type | Generally stands for Gold-plated contacts for high conductivity. | | **R/Q** | Termination/Coding | Refers to Right-angle or specific color coding/strain relief requirements. | --- ### Technical Specifications These parts are engineered for demanding electrical environments: * **Locking Mechanism:** Push-Pull self-latching system (quick release). * **Durability:** Typically rated for >5,000 mating cycles. * **Shielding:** 360° EMC shielding to prevent electromagnetic interference. * **Environmental Protection:** Usually IP50 (standard) or IP68 (if vacuum-sealed/waterproofed). * **Operating Temperature:** Typically -40°C to +120°C. ### Typical Applications 1. **Medical Technology:** Handheld surgical tools, ECG machines, and diagnostic equipment. 2. **Industrial Controls:** Sensor arrays and high-speed data transmission interfaces. 3. **Test & Measurement:** Oscilloscopes and signal generators requiring stable connections. --- ### Comparative Analysis: Metal vs. Plastic Shells | Feature | Metal Shell (Typical) | Plastic Shell (Alternative) | | :--- | :--- | :--- | | **EMC Shielding** | Excellent | Poor (unless coated) | | **Sterilization** | Autoclavable | Limited cycles | | **Weight** | Heavier | Lightweight | | **Chemical Resistance** | High | Variable | ---
    ✨ Follow-up Questions
    • ⤷ What is the exact pin count for the 2D2 contact configuration?
    • ⤷ Are there specific torque requirements for mounting this connector?
    • ⤷ Is this part compatible with the ODU MINI-SNAP L series?