Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • 47LCT-140B-R

  • AI
    The part number **47LCT-140B-R** typically refers to a specialized **Current Transformer (CT)**, often used in power monitoring, energy metering, and protection circuits. --- ### 1. Component Identification Based on standard naming conventions for electrical sensing components, here is the breakdown of its specifications: | Feature | Description | | :--- | :--- | | **Component Type** | Toroidal / Split-core Current Transformer | | **Primary Current Rating** | Often indicated by "140" (e.g., 140 Amperes) | | **Mounting Style** | PCB Mount or Lead-wire based | | **Lead-Free Status** | "-R" suffix usually denotes **RoHS Compliant** | --- ### 2. Technical Specifications While specific datasheets can vary by manufacturer (such as **Pulse Electronics** or **Amveco**), these parts generally follow these parameters: * **Turns Ratio:** High ratios (e.g., 1:1000 or 1:2500) to step down high primary currents to a measurable milliampere level. * **Frequency Range:** Typically optimized for 50Hz / 60Hz power applications. * **Isolation Voltage:** High dielectric strength (often 2.5kV to 4kV) to protect low-voltage monitoring circuits from high-voltage lines. * **Accuracy Class:** Usually between 0.1% to 1.0% depending on the burden resistor used. --- ### 3. Application Use Cases The **47LCT-140B-R** is used in several industrial and consumer electronic contexts: 1. **Smart Meters:** Measuring household or industrial electricity consumption. 2. **Overload Protection:** Sensing when a motor or machine is drawing too much current to trigger a safety shutdown. 3. **Power Quality Analyzers:** Monitoring harmonics and fluctuations in the power grid. 4. **Solar Inverters:** Tracking the current output from PV strings. --- ### 4. Typical Circuit Integration To use this part, it is typically connected to a burden resistor ($R_b$) to convert the secondary current into a readable voltage. ```cpp // Logic for reading CT sensor value (Example: Arduino/ESP32) float get_current(int analogPin) { int rawValue = analogRead(analogPin); float voltage = (rawValue / 1024.0) * 5.0; // Convert to voltage float current = voltage * CALIBRATION_FACTOR; // Calculate based on Turns Ratio return current; } ``` ---
    ✨ Follow-up Questions
    • ⤷ What is the exact turns ratio for the 47LCT-140B-R?
    • ⤷ How do I calculate the burden resistor value for this transformer?
    • ⤷ What are the physical dimensions and mounting requirements for this part?