47LCT-140R-R
AI

The part number **47LCT-140R-R** typically refers to a high-precision, low-resistance **Current Sense Resistor** (often associated with manufacturers like Delta or specialized power component suppliers). These components are critical for monitoring current flow in power management systems.
---
## Technical Specifications
Based on the standard nomenclature for this series, here are the primary electronic characteristics:
| Property | Description | Typical Value |
| :--- | :--- | :--- |
| **Component Type** | Current Sense Resistor | Metal Plate / Shunt |
| **Resistance Value** | 140 mΩ (milliohms) | `R-140` notation |
| **Tolerance** | High Precision | ±1% (Standard) |
| **Package / Case** | Surface Mount (SMD) | Varied (e.g., 2512 or similar) |
| **Power Rating** | High Wattage | Typically 1W to 3W |
| **Composition** | Metal Alloy | Low TCR (Temp. Coefficient) |
---
## Key Functions in a Circuit
### 1. Current Sensing (Ohm's Law)
The part acts as a "shunt." By placing it in series with a load, a small voltage drop occurs across the resistor. This voltage is measured by an Integrated Circuit (IC) to calculate the exact current using:
`I = V / R`
### 2. Overcurrent Protection
In power supplies or battery management systems (BMS), if the voltage drop across the **47LCT-140R-R** exceeds a predefined threshold, the controller can shut down the system to prevent damage.
### 3. Feedback Loop
Used in DC-DC converters to provide real-time feedback to the controller, ensuring the output current remains stable regardless of load changes.
---
## Common Applications
* **Battery Management Systems (BMS):** Monitoring charge/discharge cycles in laptops or EVs.
* **Power Supplies:** Switch-mode power supplies (SMPS) for voltage regulation.
* **Motor Control:** Detecting stalls or regulating torque in BLDC motors.
* **Automotive Electronics:** Managing power distribution modules.
---
## Design Considerations
* **Heat Dissipation:** Because these resistors handle significant current, they must be soldered to large copper planes on the PCB to act as heat sinks.
* **Kelvin Connection:** For maximum accuracy with a 140mΩ resistor, a 4-terminal (Kelvin) layout is recommended to eliminate the resistance of the PCB traces from the measurement.
- ⤷What is the maximum power rating for the 47LCT series?
- ⤷ How does temperature affect the accuracy of this resistor?
- ⤷ What are the alternatives if 140mΩ is out of stock?