47LCT-143B-R
AI

The part number **47LCT-143B-R** typically refers to a specialized **Current Transformer (CT)**, often used in power monitoring, energy metering, and circuit protection applications.
Below is a detailed breakdown of the electronic components and specifications associated with this type of device.
---
### 1. General Specifications
The "47LCT" series is characterized by its compact design and high accuracy. These devices are designed to step down high alternating currents (AC) to a lower, manageable level for measurement.
| Feature | Description |
| :--- | :--- |
| **Component Type** | Toroidal / Low-Profile Current Transformer |
| **Turns Ratio** | Typically 1:1000 or 1:2500 (depending on specific sub-variant) |
| **Current Range** | Often rated for 5A to 100A nominal primary current |
| **Output Type** | AC Current or Voltage (if a burden resistor is integrated) |
| **Mounting** | Through-hole (PCB Mount) |
| **RoHS Status** | Compliant (indicated by the "-R" suffix) |
---
### 2. Physical Construction
The physical design is critical for electromagnetic induction efficiency and safety.
* **Core Material:** Usually made of high-permeability Mu-metal or Silicon Steel to ensure linear response and minimal phase shift.
* **Encapsulation:** The internal copper windings and core are encapsulated in an epoxy resin (UL94-V0 rated) for moisture resistance and electrical insulation.
* **Terminals:** PCB pins for direct soldering onto a circuit board.
---
### 3. Functional Operation
The 47LCT-143B-R operates on the principle of Faraday’s Law of Induction.
1. **Primary:** A wire carrying the load current passes through the center hole (window) of the transformer.
2. **Secondary:** The internal windings generate a proportional current at a much lower magnitude.
3. **Accuracy:** These parts usually offer **Class 0.1 or 0.2 accuracy**, meaning they are suitable for revenue-grade energy meters.
---
### 4. Circuit Implementation
When integrating this part into a circuit, it is usually paired with a **Burden Resistor** ($R_b$).
```cpp
// Basic Calculation for Output Voltage
V_out = (I_primary / Turns_Ratio) * R_burden
```
**Warning:** Never leave the secondary terminals of a current transformer open-circuit while current is flowing through the primary, as this can generate dangerously high voltages.
---
- ⤷
What is the maximum primary current rating for this specific model?
- ⤷ How do I calculate the optimal burden resistor value for the 47LCT-143B-R?
- ⤷ What are the typical isolation voltage ratings for this transformer?