AI

The part number **47LCT-143YR-R** typically refers to a high-precision **Thin Film Chip Resistor Network** (often associated with manufacturers like Susumu or similar precision component specialists). These components are designed for applications requiring high stability, low noise, and precise resistance ratios.
---
### 1. Technical Specifications Overview
Below is a breakdown of the typical characteristics found in this series of electronic parts:
| Parameter | Typical Value / Description |
|:---|:---|
| **Component Type** | Thin Film Chip Resistor Network |
| **Configuration** | L-Type (Attenuator or Voltage Divider) |
| **Impedance/Resistance** | Determined by the specific "143" code (often 14kΩ or 14.3Ω depending on series) |
| **Tolerance** | Highly Precise (often ±0.1% to ±0.5%) |
| **Temperature Coefficient (TCR)** | Very Low (±25ppm/°C or lower) |
| **Packaging** | Tape and Reel (indicated by the "-R" suffix) |
---
### 2. Key Features
* **Thin Film Technology:** Unlike standard thick film resistors, thin film provides significantly better long-term stability and lower noise levels, making it ideal for signal processing.
* **Precision Matching:** As a network component, the internal resistors are manufactured on the same substrate, ensuring that they age and react to temperature changes identically (excellent tracking).
* **Compact Surface Mount (SMD):** Designed for automated PCB assembly with a small footprint.
* **Low Parasitics:** Designed to have minimal inductance and capacitance, suitable for high-frequency or high-speed digital circuits.
---
### 3. Part Number Decoder (General Pattern)
While specific internal codes can vary by manufacturer, here is the standard logic for this part format:
1. **47LCT:** The series identifier, usually signifying a specific physical size and internal network topology (e.g., a 2-resistor divider).
2. **143:** The resistance code. Usually, the first two digits are significant figures and the third is the multiplier (e.g., $14 \times 10^3 = 14,000$ Ohms).
3. **YR:** Tolerance and Temperature Coefficient indicators (Y and R represent specific industrial grades).
4. **-R:** Packaging code, standing for **Reel**.
---
### 4. Common Applications
* **Instrumentation:** Signal conditioning and precision voltage division.
* **Telecommunications:** Attenuator circuits for signal strength management.
* **Medical Electronics:** Low-noise amplification stages for sensors.
* **Audio Equipment:** High-fidelity volume control and gain setting.
- ⤷
What is the exact resistance value of the 143 code in this specific series?
- ⤷ How does thin film technology compare to thick film in terms of noise performance?
- ⤷ What are the physical dimensions (case size) of the 47LCT series?