Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • 47LCT-162G-R

  • AI
    The part number **47LCT-162G-R** refers to a high-precision **Current Sense Resistor** (specifically a Low-Resistance Chip Resistor). These components are critical for monitoring and managing current flow in electronic power circuits. ### 1. Component Specifications Based on the standard nomenclature for this series, here are the primary technical characteristics: | Parameter | Specification | Description | | :--- | :--- | :--- | | **Type** | Current Sense Resistor | Low ohmic value for monitoring current | | **Resistance Value** | 1.6 mΩ (Milliohms) | "162" indicates 1.6 value in the specific coding | | **Tolerance** | ±2% (G) | Denoted by the "G" suffix | | **Configuration** | Metal Plate / Shunt | Designed for high stability and heat dissipation | | **RoHS Status** | Compliant (R) | Lead-free and environmentally friendly | --- ### 2. Functional Role This electronic part acts as a "Shunt." In a circuit, it is placed in series with the load. According to **Ohm's Law ($V = I \times R$)**, as current flows through this 1.6 mΩ resistor, a very small voltage drop occurs across it. The system's control IC (Integrated Circuit) measures this voltage drop to calculate exactly how much current is being consumed. ### 3. Key Physical Features * **Metal Plate Construction:** Unlike standard carbon resistors, these use a solid metal alloy. This allows them to handle higher currents without burning out. * **Low Inductance:** Necessary for high-frequency switching power supplies to ensure accurate readings. * **High Thermal Stability:** Designed to maintain a steady resistance even as the component heats up during operation (Low TCR - Temperature Coefficient of Resistance). ### 4. Common Applications These parts are typically found in power management modules, including: 1. **Battery Management Systems (BMS):** Monitoring charge/discharge cycles in laptops or EVs. 2. **DC-DC Converters:** Controlling voltage regulation in industrial equipment. 3. **Motor Controllers:** Detecting "over-current" conditions to prevent motor damage. 4. **Smart Chargers:** Managing fast-charging protocols for mobile devices. ---
    ✨ Follow-up Questions
    • ⤷ What is the power rating (Wattage) for this specific resistor package?
    • ⤷ How does the 2% tolerance impact the accuracy of current measurement?
    • ⤷ What are the recommended soldering footprints for this SMD component?