47LCT-163R-R
AI

The part number **47LCT-163R-R** typically refers to a **Current Transformer (CT)**, often used in power monitoring, energy metering, and industrial control systems. These components are designed to step down high currents to a lower, measurable level.
---
### 1. Technical Specifications Overview
Based on standard naming conventions for this series of current transformers, here are the likely technical specifications:
| Feature | Specification |
| :--- | :--- |
| **Component Type** | Current Transformer (Toroidal/Donut style) |
| **Primary Current Rating** | Often rated for 163A (indicated by "163") |
| **Secondary Output** | Usually provides a low-current or millivolt signal |
| **Accuracy Class** | Typically 0.5% to 1.0% |
| **Mounting Type** | Through-hole (the wire passes through the center) |
| **RoHS Status** | Compliant (indicated by the "-R" suffix) |
---
### 2. Key Components & Construction
The 47LCT series generally consists of the following electronic and physical elements:
* **Magnetic Core:** Usually made of high-permeability silicon steel or nickel alloy to ensure high accuracy and low phase shift.
* **Secondary Winding:** Fine copper wire wound around the core. The number of turns determines the transformation ratio.
* **Encapsulation:** The unit is typically potted in epoxy resin or housed in a flame-retardant plastic casing for insulation and environmental protection.
* **Terminals:** Lead wires or pins for connecting the secondary signal to a measurement circuit (like an Ammeter or an Energy IC).
---
### 3. Typical Applications
This part is commonly integrated into the following systems:
1. **Digital Power Meters:** Converting high line currents into signals that microcontrollers can process.
2. **Overload Protection:** Sensing when a motor or industrial machine is drawing too much current to trigger a safety shut-off.
3. **Smart Grids:** Monitoring load distribution in residential or commercial electrical panels.
4. **Inverters & UPS:** Measuring current flow for feedback loops in power conversion.
---
### 4. Circuit Implementation
When using this part, it is crucial to remember the **"Never Open Secondary"** rule. If the secondary circuit is opened while current is flowing through the primary, high voltage can build up, potentially damaging the transformer or causing injury.
```cpp
// Example: Basic logic for reading a CT signal via an ADC
float get_current(int adc_value) {
float voltage = (adc_value / 1024.0) * 5.0; // Assuming 5V system
float current = voltage * CALIBRATION_FACTOR;
return current;
}
```
- ⤷
What is the exact turn ratio for the 47LCT-163R-R?
- ⤷ What are the safety risks of leaving the secondary leads open on this transformer?
- ⤷ Does this model support DC current measurement or only AC?