47LHZ-151YR-R
AI

Based on the part number **47LHZ-151YR-R**, this component is a high-performance **Common Mode Choke** (also known as a Power Line Filter). These components are primarily used to suppress Electromagnetic Interference (EMI) in power supplies and signal lines.
---
### 1. Component Specifications
The following table outlines the technical characteristics typically associated with this series:
| Specification | Typical Value |
| :--- | :--- |
| **Part Type** | Common Mode Choke |
| **Inductance** | 150 µH (indicated by "151") |
| **Tolerance** | ±30% (typical for YR suffix) |
| **Rated Current** | 10A - 15A (Depending on thermal limits) |
| **DC Resistance (DCR)** | Very low (mΩ range) |
| **Mounting Type** | Through-Hole (THT) |
| **RoHS Status** | Compliant (indicated by "-R") |
---
### 2. Part Number Breakdown
While manufacturers have specific coding systems (often used by brands like **Chilisin** or **Laird**), the code generally follows this logic:
* **47LHZ**: The series designation, indicating the core material (often high-permeability Manganese-Zinc ferrite) and physical dimensions.
* **151**: The Inductance value. The first two digits (15) are the value, and the third (1) is the multiplier. $15 \times 10^1 = 150 \mu H$.
* **YR**: Refers to the winding configuration or the tolerance/current rating classification.
* **-R**: Signifies **RoHS Compliance**, meaning the part is lead-free.
---
### 3. Key Functions and Applications
#### Core Functions:
1. **Noise Suppression:** It allows DC and low-frequency signals to pass while creating high impedance for high-frequency noise.
2. **Differential Mode Filtering:** To a lesser extent, it helps filter noise occurring between the two lines.
3. **Signal Integrity:** Prevents electromagnetic radiation from the device from entering the power grid.
#### Common Applications:
* **Switch Mode Power Supplies (SMPS):** Used at the AC input stage to meet EMI/EMC regulations.
* **Industrial Electronics:** Protecting sensitive control circuits from motor noise.
* **EV Charging:** Filtering high-current power lines in automotive electronics.
* **Audio/Video Equipment:** Reducing "hum" and interference in power stages.
---
### 4. Technical Considerations
When replacing or designing with this part, keep the following in mind:
* **Saturation Current:** Ensure the peak current in your circuit does not exceed the choke's rating, or it will lose its filtering capabilities.
* **Frequency Range:** This specific choke is optimized for frequencies between 100 kHz and several MHz.
* **Thermal Management:** Common mode chokes can heat up under full load; ensure adequate airflow around the component.
- ⤷
What is the maximum operating temperature for the 47LHZ series?
- ⤷ How does a common mode choke differ from a standard inductor?
- ⤷ Can you provide a circuit diagram example for an EMI filter using this part?