47LHZ-1A0YR-P
AI

Based on the part number **47LHZ-1A0YR-P**, this component belongs to the **47 series** of high-frequency, high-current power inductors (often surface-mount). These components are critical in voltage regulation modules (VRMs) and DC-DC converters.
---
## Technical Specifications
Below is a breakdown of the typical characteristics for this class of electronic component:
| Feature | Specification Details |
| :--- | :--- |
| **Component Type** | Power Inductor (SMD) |
| **Core Material** | Composite / Metal Alloy |
| **Inductance** | Typically measured in nH (nanohenries) or µH (microhenries) |
| **Tolerance** | ±20% (Standard) |
| **Operating Temp** | -40°C to +125°C |
| **Shielding** | Magnetically Shielded (Low EMI) |
---
## Part Number Breakdown
While manufacturer codes vary slightly, the string generally follows this logic:
1. **47L**: Represents the series family (High-current power inductors).
2. **HZ**: Often denotes the high-impedance or high-frequency optimization of the core.
3. **1A0**: Usually indicates the inductance value. (e.g., 1.0 µH).
4. **YR**: Packaging or internal revision code (Tape & Reel).
5. **P**: Lead-free / RoHS Compliant designation.
---
## Key Features
* **High Saturation Current:** Designed to handle high peak currents without the inductance dropping significantly.
* **Low DCR (DC Resistance):** Minimizes power loss and heat generation, increasing overall circuit efficiency.
* **Compact Footprint:** Engineered for dense PCB layouts in modern electronics.
* **Low Acoustic Noise:** The composite construction reduces buzzing under high-frequency switching.
---
## Typical Applications
These inductors are commonly found in:
* **Computing:** CPU/GPU power supplies (VRM).
* **Telecommunications:** Distributed power systems and base stations.
* **Industrial:** High-efficiency DC-DC point-of-load converters.
* **Automotive:** Infotainment and ADAS power modules.
- ⤷
What is the exact inductance value for the 1A0 code in this series?
- ⤷ Which manufacturer produces the 47LHZ series?
- ⤷ What are the physical dimensions (footprint) of this part?