Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • 47LLC-S151B-R

  • AI
    Based on the part number provided, **47LLC-S151B-R** typically refers to a **High-Frequency Power Inductor** (specifically a Low Loss Choke or LLC series) commonly used in power management systems. --- ### 1. Technical Specifications Overview This component is designed for high-efficiency power conversion. Below are the estimated specifications based on the standard nomenclature for this series: | Property | Specification (Estimated) | | :--- | :--- | | **Inductance** | 150 µH (151 code) | | **Tolerance** | ±10% or ±20% (B code often denotes specific tolerance/winding) | | **Component Type** | SMD (Surface Mount Device) | | **Core Material** | Low-loss Ferrite or Composite | | **RoHS Status** | Compliant (R suffix) | --- ### 2. Detailed Breakdown of Part Number The alphanumeric string can be broken down to understand its physical and electrical characteristics: * **47LLC**: Refers to the series family (Low Loss Choke / High Power Inductor). * **S**: Indicates the size or form factor (Standard or Specific package size). * **151**: The inductance value. The first two digits are significant, and the third is the multiplier. * $15 \times 10^1 = 150 \text{ µH}$. * **B**: Performance characteristic or winding style (often related to saturation current ratings). * **-R**: Indicates compliance with **RoHS** (Restriction of Hazardous Substances) and often signifies tape-and-reel packaging. --- ### 3. Key Applications These parts are engineered for circuits requiring high stability and low energy waste: 1. **DC-DC Converters:** Used as energy storage elements in buck or boost converters. 2. **LED Drivers:** Provides current smoothing for high-brightness lighting systems. 3. **EMI Filtering:** Acts as a low-pass filter to block high-frequency noise in power lines. 4. **Audio Equipment:** Used in Class-D amplifiers for output filtering. --- ### 4. Advantages * **Low DCR (DC Resistance):** Minimizes heat generation and maximizes battery life in portable devices. * **High Saturation Current:** Maintains inductance levels even under heavy electrical loads. * **Compact Footprint:** High power density suitable for modern, thin electronics. ---
    ✨ Follow-up Questions
    • ⤷ What are the physical dimensions (footprint) of the S-type package for this inductor?
    • ⤷ What is the maximum saturation current (Isat) for the 151B variant?
    • ⤷ Can this part be used in automotive-grade environments (AEC-Q200)?