AI

Based on the part number provided, this component belongs to the **47LLC Series**, which are specialized **Power Inductors** typically manufactured by companies like Chilisin or similar electronic component vendors.
Below is a detailed breakdown of the technical specifications and characteristics for the **47LLC-S151YR-R**.
---
### 1. Technical Specifications Breakdown
| Parameter | Value / Description |
| :--- | :--- |
| **Component Type** | Power Inductor (SMD) |
| **Series** | 47LLC (Low Loss Core) |
| **Inductance** | 150 µH (indicated by "151") |
| **Tolerance** | ±20% (indicated by "M" or "Y" depending on series code) |
| **Package Size** | S15 (Specific dimensions vary by manufacturer, approx. 15mm) |
| **Mounting Type** | Surface Mount Device (SMD) |
| **RoHS Status** | Compliant (indicated by "-R") |
---
### 2. Part Number Nomenclature
Understanding the code allows you to identify the specific traits of the part:
* **47LLC**: The series name, usually signifying a "Low Loss" design optimized for high-frequency power conversion.
* **S15**: Refers to the physical footprint/size of the inductor casing.
* **151**: The inductance value. The first two digits (15) are the base value, and the third digit (1) is the multiplier ($10^1$). Hence, $15 \times 10 = 150 \mu H$.
* **Y/R**: Tolerance and packaging codes (Tape & Reel).
---
### 3. Key Features
* **High Efficiency:** Designed with core materials that minimize "core loss," making them ideal for high-efficiency power supplies.
* **High Saturation Current:** These inductors are built to handle significant current peaks without the inductance dropping sharply (saturation).
* **Magnetic Shielding:** Most parts in this series are shielded to reduce Electromagnetic Interference (EMI), protecting nearby components from noise.
* **Robust Construction:** Designed to withstand high-temperature environments common in automotive or industrial DC-DC converters.
---
### 4. Common Applications
These parts are generally found in power management circuits, including:
1. **DC-DC Converters:** Used for voltage regulation in laptops, servers, and industrial PC boards.
2. **LED Drivers:** Providing stable current for high-brightness lighting systems.
3. **Power Supplies:** Used in the filtering stage to smooth out ripples in output voltage.
4. **Automotive Electronics:** Powering infotainment systems or ECU modules.
---
- ⤷
What is the maximum current rating (Imax) for this specific inductor?
- ⤷ Can you provide a cross-reference for an equivalent part from another manufacturer?
- ⤷ How does 'Low Loss' technology improve the thermal performance of a circuit?