47LLC-S2D2W-R
AI

The part number **47LLC-S2D2W-R** typically refers to a high-performance **Magnetic Proximity Sensor** or a specialized **Hall Effect Sensor** assembly often used in industrial automation.
Below is a breakdown of the technical specifications and component details.
---
### 1. Technical Specifications
| Feature | Description |
| :--- | :--- |
| **Component Type** | Magnetic Reed or Hall Effect Sensor |
| **Output Type** | Digital (Switching) |
| **Contact Form** | SPST (Single Pole Single Throw) |
| **Operating Voltage** | 5V - 24V DC (Standard Range) |
| **Switching Current** | 100mA to 500mA (Typical) |
| **Termination** | Wire Leads (W-Series) |
| **Housing Material** | Corrosion-resistant Polymer or Stainless Steel |
---
### 2. Part Number Decoder
While specific manufacturers (such as Littelfuse or specialized sensor OEMs) vary slightly, the nomenclature usually follows this logic:
* **47LLC**: Series identifier (Low-leakage, high-precision magnetic switch).
* **S2**: Sensitivity rating (referring to the Gauss strength required to trigger).
* **D2**: Mechanical dimensions or mounting style (usually a threaded cylindrical body).
* **W**: Termination style (Wired/Lead wires).
* **R**: Packaging format (Tape and Reel or RoHS Compliant).
---
### 3. Key Electronic Characteristics
* **Non-Contact Operation:** Uses a magnetic field to actuate, meaning there is no physical wear and tear on the sensing head.
* **Hysteresis:** Designed with built-in hysteresis to prevent "chattering" (rapid on/off cycling) when the magnet is at the edge of the sensing range.
* **Environmental Protection:** Usually rated IP67 or higher, making it resistant to dust, water, and oil.
* **Response Time:** Extremely fast switching speeds (typically < 1ms), suitable for high-speed counting or position sensing.
---
### 4. Common Applications
1. **Pneumatic Cylinders:** Detecting the position of the internal piston.
2. **Security Systems:** Door and window open/closed sensors.
3. **Industrial Robotics:** Limit switches for robotic arm travel.
4. **Automotive:** Gear position sensing or pedal position detection.
---
- ⤷
What are the specific mounting requirements for the D2 housing style?
- ⤷ Does this sensor require an external pull-up resistor for digital output?
- ⤷ What is the maximum operating temperature range for the 47LLC series?