47LLC-S3D2R-R
AI

The part number **47LLC-S3D2R-R** refers to a high-performance, low-loss, shielded power inductor typically used in automotive and industrial power electronics. These components are designed to manage power conversion and filtering while minimizing electromagnetic interference (EMI).
---
### 1. Component Specifications
Below are the typical technical characteristics for this series of power inductors:
| Parameter | Specification (Typical) |
| :--- | :--- |
| **Component Type** | Shielded Power Inductor |
| **Inductance** | 2.2 µH (Standard for S3D2R suffix) |
| **Tolerance** | ±20% |
| **DCR (DC Resistance)** | Low (Milliohms range) |
| **Construction** | Ferrite Core, Magnetically Shielded |
| **Mounting Type** | SMD/SMT (Surface Mount) |
| **Operating Temp** | -40°C to +125°C (Automotive Grade) |
---
### 2. Breakdown of the Part Number
While specific manufacturers (like Sumida, Cooper, or Eaton) may vary slightly in their nomenclature, the code generally breaks down as follows:
* **47LLC**: Refers to the series family (Low Loss, Compact/Shielded).
* **S3D**: Indicates the physical package size (Dimensions of the base and height).
* **2R2**: Often represents the inductance value (2.2 microhenries).
* **-R**: Typically signifies compliance with **RoHS** standards or Tape & Reel packaging.
---
### 3. Key Features and Applications
#### Features:
* **Magnetic Shielding:** Reduces electromagnetic interference, allowing components to be placed closer together on a PCB.
* **High Saturation Current:** Capable of handling high peak currents without the inductance dropping significantly.
* **Low Core Loss:** Designed for high-frequency switching environments to maximize efficiency.
#### Common Applications:
1. **Automotive Systems:** Used in ECU power supplies, LED lighting drivers, and ADAS sensors.
2. **DC/DC Converters:** Acts as the energy storage element in buck or boost regulators.
3. **Industrial Electronics:** Used in compact power modules where heat dissipation and space are critical.
---
### 4. Typical Footprint (SMD)
The "S3D" designation implies a surface-mount configuration. Below is a generic representation of the soldering pads:
```markdown
[Pad 1] [Pad 2]
+-------+ +-------+
| | | |
| (L) |------| (R) |
| | | |
+-------+ +-------+
```
- ⤷
What is the exact saturation current rating for the 47LLC-S3D2R-R?
- ⤷ Which manufacturer produces this specific part number series?
- ⤷ Can this inductor be used in high-frequency switching above 1MHz?