47LLC-S3D2YR-R
AI

Based on the part number **47LLC-S3D2YR-R**, this component belongs to a specialized category of **Ethernet/Network Magnetic Modules**, specifically a **LAN Transformer** or **Discrete Magnetic** used in networking hardware.
---
## Technical Overview
This component is typically used in conjunction with a Physical Layer (PHY) chip to provide isolation, noise suppression, and signal conditioning for Ethernet interfaces.
### 1. Key Specifications (Estimated)
Based on standard industry naming conventions for the "47LLC" and "S3D2YR" series, here are the typical technical parameters:
| Feature | Specification |
| :--- | :--- |
| **Application** | 10/100/1000 Base-T (Gigabit Ethernet) |
| **Ports** | Single Port |
| **Turns Ratio** | 1:1 (Typical for both TX and RX) |
| **Isolation Voltage** | 1500 Vrms |
| **Mounting Type** | Surface Mount (SMD) |
| **Configuration** | Low Profile / Discrete |
| **Operating Temp** | -40°C to +85°C (Industrial Grade) |
### 2. Part Number Breakdown
While specific manufacturers (like Pulse, Halo, or Wurth) have unique codes, the suffixing usually indicates:
* **47LLC:** Series identifier for low-leakage inductance or specific magnetic core types.
* **S3D2:** Internal circuit configuration (Auto-MDIX compatibility).
* **YR:** Package variation or pinout orientation.
* **-R:** Indicates **RoHS compliance** and/or **Tape & Reel** packaging.
---
## Functions of the Component
1. **Galvanic Isolation:** It protects the delicate PHY silicon from high-voltage spikes or static electricity (ESD) coming from the Ethernet cable.
2. **Impedance Matching:** Ensures the 100-ohm differential impedance of the twisted-pair cable matches the internal circuitry of the PCB.
3. **EMI Suppression:** Integrated Common Mode Chokes (CMCs) filter out electromagnetic interference to ensure compliance with FCC/CE emissions standards.
4. **Signal Integrity:** Maintains the shape of the data pulses over long cable distances (up to 100m).
---
## Common Applications
* **Network Interface Cards (NICs):** Used on motherboards or expansion cards.
* **Industrial Routers/Switches:** Providing rugged connectivity in harsh environments.
* **IoT Gateways:** For reliable wired internet connections.
* **Set-top Boxes:** High-speed data streaming requirements.
---
- ⤷
What are the pinout differences between the S3D2 and other S-series models?
- ⤷ Which manufacturers produce compatible equivalents for the 47LLC series?
- ⤷ How does this transformer handle Power over Ethernet (PoE) applications?