47LM-101BG-R
AI

The **47LM-101BG-R** is a specific type of LED display component, typically categorized as a **Surface Mount Device (SMD) Seven-Segment LED Display**. These are widely used in consumer electronics, industrial panels, and appliances to show numeric data.
---
### 1. General Specifications
Based on the standard nomenclature for this part series, here are the technical characteristics:
| Feature | Specification |
| :--- | :--- |
| **Component Type** | 7-Segment LED Display |
| **Number of Digits** | 1 Digit |
| **Mounting Type** | Surface Mount (SMD / SMT) |
| **Emitted Color** | Green / Bright Green |
| **Polarity** | Common Anode or Common Cathode (Model specific) |
| **Surface Color** | Black Face / Grey Face |
| **Segment Color** | Milky White (when off) |
---
### 2. Key Internal Components
The "Electronic Parts" within this single package consist of several semiconductor and structural elements:
1. **LED Die (Gallium Phosphide/GaP):** The actual light-emitting material. For a "Green" output (BG designation), it usually employs GaP or InGaN technology.
2. **Lead Frame:** The internal metal structure that carries the electrical current to each segment.
3. **Encapsulation Resin:** An epoxy or silicone material that protects the LED dies and diffuses the light evenly across the segment bar.
4. **Gold Wiring:** Microscopic wires that bond the LED chip to the external SMT pads.
---
### 3. Electrical Characteristics (Typical)
To operate this part safely, you must adhere to the following electrical limits:
| Parameter | Typical Value |
| :--- | :--- |
| **Forward Voltage ($V_f$)** | 1.8V to 2.2V per segment |
| **Forward Current ($I_f$)** | 10mA to 20mA (Recommended) |
| **Peak Current** | 60mA - 100mA (Pulse duty 1/10) |
| **Reverse Voltage ($V_r$)** | 5V |
| **Operating Temperature** | -40°C to +85°C |
---
### 4. Application and Usage
Because this is an SMD part, it is designed for automated assembly (Pick and Place) and reflow soldering.
* **Pinout Configuration:** Usually consists of 10 pins (depending on the specific footprint), representing the 7 segments (a-g), the decimal point (DP), and the common pin.
* **Driving Circuit:** Requires a current-limiting resistor for each segment to prevent burnout. Usually driven by a 7-segment decoder IC like the **74HC595** or **MAX7219**.
---
- ⤷
Does this specific model use a Common Anode or Common Cathode configuration?
- ⤷ What is the physical dimension (height/width) of the 47LM series?
- ⤷ What is the recommended resistor value for driving this at 5V?