47LM-101G-R/Q
AI

The **47LM-101G-R/Q** is a specific electronic component typically categorized under **Network Interface Modules** or **RJ45 Connector Modules with Integrated Magnetics** (often called "MagJacks"). These are commonly used in Ethernet networking hardware to provide both physical connectivity and signal conditioning.
---
### 1. Component Overview
This part is a high-performance connector designed for Local Area Network (LAN) applications. It integrates traditional RJ45 mechanical housing with internal transformer components (magnetics).
| Feature | Specification Details |
| :--- | :--- |
| **Component Type** | RJ45 Integrated Magnetics Connector (MagJack) |
| **Port Configuration** | Single Port (1x1) |
| **Ethernet Speed** | 10/100/1000 Base-T (Gigabit Ethernet) |
| **Orientation** | Right Angle / Tab-Up or Tab-Down (varies by suffix) |
| **LEDs** | Often includes integrated Green/Yellow status LEDs |
| **Shielding** | Metal EMI Shield with Spring Tabs |
---
### 2. Internal Electronic Parts
The "101G" designation typically refers to the internal circuit configuration. These components are not just plastic plugs; they contain several surface-mount elements inside the shell:
1. **Isolation Transformers:** Provides 1500Vrms isolation between the cable and the PHY (Physical Layer) chip to protect the device from surges.
2. **Common Mode Chokes:** Used to suppress Electromagnetic Interference (EMI) and ensure signal integrity over long cable runs.
3. **Bob Smith Termination:** A resistor/capacitor network (usually 75Ω resistors and high-voltage capacitors) used to reduce noise on unused wire pairs.
4. **LEDs:** Integrated Light Emitting Diodes for "Link" and "Activity" status.
---
### 3. Pinout and Mechanical Properties
The part connects to a Printed Circuit Board (PCB) via Through-Hole pins.
* **Signal Pins:** Usually 8 to 12 pins depending on the specific PoE (Power over Ethernet) support or grounding requirements.
* **Shield Tabs:** Provide a path for static discharge and EMI shielding to the chassis ground.
* **Gold Plating:** The contact pins inside the RJ45 socket are typically plated with 30μ" to 50μ" of gold to prevent corrosion and ensure a low-resistance connection.
---
### 4. Common Applications
* **Networking Gear:** Switches, Routers, and Hubs.
* **Industrial PC:** Embedded motherboards and Automation controllers.
* **Consumer Electronics:** Set-top boxes, Game consoles, and Smart TVs.
---
### 5. Technical Identification (Suffix Decoding)
* **47LM:** Series identifier (usually indicates the height and profile of the housing).
* **101G:** Indicates the internal wiring diagram (Gigabit Ethernet 1:1 Turns Ratio).
* **R/Q:** Generally refers to compliance standards (RoHS Reach) or specific packaging types (Tape & Reel vs. Tray).
- ⤷What is the standard footprint/layout for the 47LM series on a PCB?
- ⤷ Can this part support Power over Ethernet (PoE)?
- ⤷ What are the common alternatives to the 47LM-101G if it is out of stock?