47LM-140G-R
AI

The **47LM-140G-R** is a specific model identifier typically associated with high-performance **Magnetic components**, specifically an **RJ45 Connector with Integrated Magnetics** (also known as a MagJack). These are commonly used in Ethernet networking interfaces.
---
### Technical Specifications
The following table outlines the typical technical parameters for this class of component:
| Feature | Specification |
| :--- | :--- |
| **Component Type** | RJ45 Modular Jack with Internal Magnetics |
| **Speed/Protocol** | 10/100/1000 Base-T (Gigabit Ethernet) |
| **Configuration** | Single Port (1x1), Tab-Up |
| **LED Options** | Green/Yellow (Depending on specific suffix) |
| **Mounting Type** | Through-Hole (THT) / Right Angle |
| **Operating Temp** | -40°C to +85°C (Industrial Grade) |
| **Isolation Voltage** | 1500 Vrms |
---
### Key Electronic Functions
The "Magnetics" inside this part serve four primary electronic purposes:
1. **Isolation:** It provides galvanic isolation between the PHY (Physical Layer) chip and the Ethernet cable, protecting the device from high-voltage transients or ground loops.
2. **Impedance Matching:** Ensures the 100-ohm differential impedance of the twisted-pair cable matches the transceiver requirements.
3. **EMI Suppression:** Integrated common-mode chokes filter out electromagnetic interference (EMI) to meet FCC/CE radiation standards.
4. **Signal Conditioning:** It maintains signal integrity over long cable runs (up to 100 meters) by reducing noise.
---
### Pinout and Connection Schematic
A typical internal circuit for a Gigabit-capable RJ45 part includes:
```text
Cable Side (RJ45) Internal Magnetics PCB Side (PHY)
[Pin 1] TX+ ----------[ Transformer ]---------- [TD1+]
[Pin 2] TX- ----------[ Transformer ]---------- [TD1-]
[Pin 3] RX+ ----------[ Transformer ]---------- [TD2+]
[Pin 6] RX- ----------[ Transformer ]---------- [TD2-]
... (Repeated for all 4 pairs in Gigabit) ...
----------[ Common Mode Choke ]---- [Ground]
```
### Common Applications
* **Networking Hardware:** Routers, switches, and hubs.
* **Industrial PC:** Motherboards and embedded systems.
* **IoT Gateways:** Devices requiring wired internet connectivity.
* **Set-top Boxes:** High-speed data streaming interfaces.
---
- ⤷What is the difference between Tab-Up and Tab-Down orientations?
- ⤷ How do I verify the LED polarity for this specific model?
- ⤷ Can this part be used for Power over Ethernet (PoE) applications?